Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3771 Datasheet(PDF) 19 Page - OSRAM GmbH

Part # TCS3771
Description  Color Light-To-Digital Converter with Proximity Sensing
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3771 Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button TCS3771 Datasheet HTML 15Page - OSRAM GmbH TCS3771 Datasheet HTML 16Page - OSRAM GmbH TCS3771 Datasheet HTML 17Page - OSRAM GmbH TCS3771 Datasheet HTML 18Page - OSRAM GmbH TCS3771 Datasheet HTML 19Page - OSRAM GmbH TCS3771 Datasheet HTML 20Page - OSRAM GmbH TCS3771 Datasheet HTML 21Page - OSRAM GmbH TCS3771 Datasheet HTML 22Page - OSRAM GmbH TCS3771 Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-31] 2018-Apr-04
TCS3771 − Principles of Operation
Proximity Detection
Proximity sensing uses an external light source (generally an
infrared emitter) to emit light, which is then viewed by the
integrated light detector to measure the amount of reflected
light when an object is in the light path (Figure 21). The amount
of light detected from a reflected surface can then be used to
determine an object’s proximity to the sensor.
Figure 21:
Proximity Detection
The TCS3771 has controls for the number of IR pulses
(PPCOUNT ), the integration time (PTIME), the LED drive current
(PDRIVE) and the photodiode configuration (PDIODE). The
photodiode configuration can be set to red diode
(recommended), clear diode, or a combination of both diodes.
At the end of the integration cycle, the results are latched into
the proximity data (PDATA) register.
Figure 22:
Proximity Detection Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com