Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3771 Datasheet(PDF) 24 Page - OSRAM GmbH

Part # TCS3771
Description  Color Light-To-Digital Converter with Proximity Sensing
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3771 Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button TCS3771 Datasheet HTML 20Page - OSRAM GmbH TCS3771 Datasheet HTML 21Page - OSRAM GmbH TCS3771 Datasheet HTML 22Page - OSRAM GmbH TCS3771 Datasheet HTML 23Page - OSRAM GmbH TCS3771 Datasheet HTML 24Page - OSRAM GmbH TCS3771 Datasheet HTML 25Page - OSRAM GmbH TCS3771 Datasheet HTML 26Page - OSRAM GmbH TCS3771 Datasheet HTML 27Page - OSRAM GmbH TCS3771 Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
ams Datasheet
Page 23
[v1-31] 2018-Apr-04
Document Feedback
TCS3771 − Principles of Operation
I2C Protocol
Interface and control are accomplished through an I2C serial
compatible interface (standard or fast mode) to a set of registers
that provide access to device control functions and output data.
The devices support the 7-bit I2C addressing protocol.
The I2C standard provides for three types of bus transaction:
read, write, and a combined protocol (Figure 27). During a write
operation, the first byte written is a command byte followed by
data. In a combined protocol, the first byte written is the
command byte followed by reading a series of bytes. If a read
command is issued, the register address from the previous
command will be used for data access. Likewise, if the MSB of
the command is not set, the device will write a series of bytes
at the address stored in the last valid command with a register
address. The command byte contains either control information
or a 5-bit register address. The control commands can also be
used to clear interrupts.
The I2C bus protocol was developed by Philips (now NXP). For
a complete description of the I2C protocol, please review the
NXP I2C design specification at
http://www.i2c-bus.org/references.
Figure 27:
I2C Protocols
…
Continuation of protocol
W
Write (0)
Sr
Repeated Start Condition
S
Start Condition
N
Not Acknowledged (1)
A
Acknowledge (0)
Master-to-Slave
Slave-to-Master
R
Read (1)
P
Stop Condition
S
Slave Address
W A
Command Code
R
A
11
1
1
1
78
I2C Read Protocol - Combined Format
A
1
Slave Address
7
Sr
1
A
1
Data
8
A
Data
P
1
...
S
Slave Address
R
A
Data
A
P
11 1
1
1
78
I2C Read Protocol
...
A
1
Data
8
W
S
Slave Address
A
Command Code
A
P
11 1
1
1
78
I2C Write Protocol
...
A
1
Data Byte
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com