Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3771 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # TCS3771
Description  Color Light-To-Digital Converter with Proximity Sensing
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3771 Datasheet(HTML) 5 Page - OSRAM GmbH

  TCS3771 Datasheet HTML 1Page - OSRAM GmbH TCS3771 Datasheet HTML 2Page - OSRAM GmbH TCS3771 Datasheet HTML 3Page - OSRAM GmbH TCS3771 Datasheet HTML 4Page - OSRAM GmbH TCS3771 Datasheet HTML 5Page - OSRAM GmbH TCS3771 Datasheet HTML 6Page - OSRAM GmbH TCS3771 Datasheet HTML 7Page - OSRAM GmbH TCS3771 Datasheet HTML 8Page - OSRAM GmbH TCS3771 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-31] 2018-Apr-04
TCS3771 − Detailed Description
The TCS3771 light-to-digital device contains a 4 × 4 photodiode
array, integrating amplifiers, ADCs, accumulators, clocks,
buffers, comparators, a state machine, and an I2C interface. The
4 × 4 photodiode array is composed of red-filtered,
green-filtered, blue-filtered, and clear photodiodes - four of
each type. Four integrating ADCs simultaneously convert the
amplified photodiode currents to a digital value providing up
to 16 bits of resolution. Upon completion of the conversion
cycle, the conversion result is transferred to the data registers.
The transfers are double-buffered to ensure that the integrity
of the data is maintained. Communication to the device is
accomplished through a fast (up to 400kHz), two-wire I2C serial
bus for easy connection to a microcontroller or embedded
controller.
The TCS3771 provides a separate pin for level-style interrupts.
When interrupts are enabled and a preset value is exceeded,
the interrupt pin is asserted and remains asserted until cleared
by the controlling firmware. The interrupt feature simplifies and
improves system efficiency by eliminating the need to poll a
sensor for a light intensity or proximity value. An interrupt is
generated when the value of an RGBC or proximity conversion
exceeds either an upper or lower threshold. In addition, a
programmable interrupt persistence feature allows the user to
determine how many consecutive exceeded thresholds are
necessary to trigger an interrupt. Interrupt thresholds and
persistence settings are configured independently for both
RGBC and proximity.
Proximity detection requires only a single external IR LED. An
internal LED driver can be configured to provide a constant
current sink of 12.5mA, 25mA, 50mA or 100mA of current. No
external current limiting resistor is required. The number of
proximity LED pulses can be programmed from 1 to 255 pulses.
Each pulse has a 14μs period. This LED current coupled with the
programmable number of pulses provides a 2000:1 contiguous
dynamic range.
Detailed Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com