Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3771 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # TCS3771
Description  Color Light-To-Digital Converter with Proximity Sensing
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3771 Datasheet(HTML) 3 Page - OSRAM GmbH

  TCS3771 Datasheet HTML 1Page - OSRAM GmbH TCS3771 Datasheet HTML 2Page - OSRAM GmbH TCS3771 Datasheet HTML 3Page - OSRAM GmbH TCS3771 Datasheet HTML 4Page - OSRAM GmbH TCS3771 Datasheet HTML 5Page - OSRAM GmbH TCS3771 Datasheet HTML 6Page - OSRAM GmbH TCS3771 Datasheet HTML 7Page - OSRAM GmbH TCS3771 Datasheet HTML 8Page - OSRAM GmbH TCS3771 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-31] 2018-Apr-04
TCS3771 − General Description
Key Benefits & Features
The benefits and features of the TCS3771 are listed below:
Figure 1:
Added Value of using TCS3771
Applications
The applications of TCS3771 include:
• RGB LED Backlight Control
• Ambient Color Temperature Sensing
• Cell Phone Touch Screen Disable
• Notebook/Monitor Security
• Automatic Menu Popup
Benefits
Features
• Single Device reduces board space
• RGB Color Sensing and Proximity Detection in a Single Device
• Enables both Correlated Color
Temperature and Ambient Light
Sensing across wide range of lighting
condition applications
• Color Light Sensing
• Programmable Analog Gain, Integration Time, and
Interrupt Function with Upper and Lower Thresholds
• Resolution Up to 16 bits
• Very High Sensitivity - Ideally Suited for Operation Behind
Dark Glass
• Up to 1,000,000:1 Dynamic Range
• Enables versatile Infra-red proximity
based object detection
• Proximity Detection
• Programmable Number of IR Pulses, Current Sink for the IR
LED - No Limiting Resistor Needed, and Interrupt Function
with Upper and Lower Thresholds
• Covers a 2000:1 Dynamic Range
• Low power wait state
programmability reduces average
power consumption
• Low Power Wait State
•65μA Typical Current
• Wait Timer is Programmable from 2.4ms to > 7 seconds
• Digital interfaces are less susceptible
to noise
• I2C Interface Compatible
•Up to 400kHz (I2C Fast Mode)
• Reduces micro-processor Interrupt
Overhead with both up persist and
no-persist interrupt thresholds
• Dedicated Interrupt Pin
• Enables drop-in and foot-print
compatible solutions
• Pin and Register Set Compatible with the TCS3x7x Family of
Devices
• Reduces board space requirements
while simplifying designs
• Small 2mm × 2.4mm Dual Flat No-Lead Package
• Low power sleep state reduces
average power consumption
• Sleep Mode - 2.5μA Typical Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com