Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMFM2000ABVZ Datasheet (PDF) - Analog Devices

ADMFM2000ABVZ Datasheet PDF - Analog Devices
Part # ADMFM2000ABVZ
Download  ADMFM2000ABVZ Download
File Size   1863.0 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Channel, 0.5 GHz to 32 GHz, Microwave Downconverter

ADMFM2000ABVZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADMFM2000ABVZ Datasheet PDF - Analog Devices

Part # ADMFM2000ABVZ
Download  ADMFM2000ABVZ Click to download

File Size   1863.0 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Channel, 0.5 GHz to 32 GHz, Microwave Downconverter

ADMFM2000ABVZ Datasheet (HTML) - Analog Devices


ADMFM2000ABVZ Product details

GENERAL DESCRIPTION
The ADMFM2000 is a dual-channel microwave downconverter, with
input RF and local oscillator (LO) frequency ranges covering 5 GHz
to 32 GHz, with an output intermediate frequency (IF) frequency
range from 0.5 GHz to 8 GHz. The downconverting mixer can
also be bypassed allowing direct access to the 0.5 to 8 GHz IF
path. A common LO input signal is split to feed two separate
buffer amplifiers to drive the mixer in each channel. Each down
conversion path consists of a low noise amplifier (LNA), a mixer, an
IF filter, a digital step attenuator (DSA), and an IF amplifier.
Fabricated using a combination of surface mount and bare die
components, the ADMFM2000 provides precise gain adjustment
capabilities with low distortion performance. The ADMFM2000
comes in a compact, shielded 20.00 mm × 14.00 mm, 179-ball
chip scale package ball grid array (CSP_BGA) and operates over a
temperature range of −40°C to +85°C.

FEATURES
► Dual-channel, 0.5 GHz to 32 GHz receiver
► Integrated LNA
► Integrated downconversion mixer
► Integrated switch for mixer bypass
► Integrated IF LPF: 8 GHz bandwidth
► Integrated DSA
► DSA range: 31 dB with 1 dB step
► Single common LO input
► 50 Ω matched input and output
► 20.00 mm × 14.00 mm, 179-ball CSP_BGA

APPLICATIONS
► Phased array radar receivers
► Satellite communications (satcom) receivers
► Electronic warfare
► Electronic test and measurement equipment
► Automatic test equipment




Similar Part No. - ADMFM2000ABVZ

ManufacturerPart #DatasheetDescription
logo
Marki Microwave
ADM-0012-5931SM MARKIMICROWAVE-ADM-0012-5931SM Datasheet
755Kb / 14P
BROADBAND DISTRIBUTED AMPLIFIER
ADM-0012-5931SM MARKIMICROWAVE-ADM-0012-5931SM Datasheet
842Kb / 9P
BROADBAND DISTRIBUTED AMPLIFIER
ADM-0026-5929SM MARKIMICROWAVE-ADM-0026-5929SM Datasheet
678Kb / 10P
BROADBAND DISTRIBUTED AMPLIFIER
ADM-0026-5929SM MARKIMICROWAVE-ADM-0026-5929SM Datasheet
827Kb / 8P
BROADBAND DISTRIBUTED AMPLIFIER
ADM-0026-5931SM MARKIMICROWAVE-ADM-0026-5931SM Datasheet
842Kb / 9P
BROADBAND DISTRIBUTED AMPLIFIER
More results


Similar Description - ADMFM2000ABVZ

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
CV221-2A WJCI-CV221-2A Datasheet
278Kb / 5P
1.9 - 2.4 GHz Dual-Branch Downconverter
CV221-2A WJCI-CV221-2A_07 Datasheet
327Kb / 5P
1.9 - 2.7 GHz Dual-Branch Downconverter
logo
API Technologies Corp
BXHF1075 APITECH-BXHF1075 Datasheet
597Kb / 1P
43 GHz to 44 GHz Microwave Amplifier
logo
TriQuint Semiconductor
TGC2610-SM TRIQUINT-TGC2610-SM_15 Datasheet
880Kb / 17P
10 GHz ??15.4 GHz Downconverter
TQP569022 TRIQUINT-TQP569022_15 Datasheet
721Kb / 15P
1.7-2.2 GHz High IP3 Dual Channel Downconverter
logo
Analog Devices
ADMV1014 AD-ADMV1014 Datasheet
2Mb / 42P
24 GHz to 44 GHz, Wideband, Microwave Downconverter
4/2019-Rev. 0 to Rev. A
HMC1048ALC3B AD-HMC1048ALC3B Datasheet
373Kb / 15P
2.25 GHz to 18 GHz, MMIC, Double Balanced Downconverter
5/2019-Rev. A to Rev. B
ADMV1139 AD-ADMV1139 Datasheet
90Kb / 2P
37 GHz to 48.2 GHz, 5G, Microwave Upconverter and Downconverter
ADMV4640 AD-ADMV4640 Datasheet
2Mb / 41P
10.7 GHz to 12.7 GHz, SATCOM, Microwave Downconverter
Rev. A
ADMV1139A AD-ADMV1139A Datasheet
86Kb / 2P
37 GHz to 50 GHz, 5G, Microwave Upconverter and Downconverter
Rev. Sp0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com