Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMFM2000ABVZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADMFM2000ABVZ
Description  Dual-Channel, 0.5 GHz to 32 GHz, Microwave Downconverter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMFM2000ABVZ Datasheet(HTML) 2 Page - Analog Devices

  ADMFM2000ABVZ Datasheet HTML 1Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 2Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 3Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 4Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 5Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 6Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 7Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 8Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Data Sheet
ADMFM2000
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 28
Features................................................................ 1
Applications........................................................... 1
General Description...............................................1
Functional Block Diagram .....................................1
Specifications........................................................ 3
Absolute Maximum Ratings...................................6
Thermal Resistance........................................... 6
Electrostatic Discharge (ESD) Ratings...............6
ESD Caution.......................................................6
Pin Configuration and Function Descriptions........ 7
Typical Performance Characteristics..................... 9
LNA (RF_IN_x to LNA_OUT_x)......................... 9
Mixer (MIXER_IN_x to IF_OUT_x)...................12
Direct IF (RF_BYPASS_IN_x to IF_OUT_x).... 16
LNA-Mixer Cascaded (RF_IN_x to
IF_OUT_x)......................................................19
Spurious Performance......................................20
Theory of Operation.............................................21
LNA.................................................................. 21
Mixer.................................................................21
LO.....................................................................21
Switch...............................................................21
LPF...................................................................22
DSA..................................................................22
IF Amplifier....................................................... 23
Applications Information...................................... 24
Basic Connections............................................24
LNA Mixer Cascaded Performance..................26
Layout Recommendations................................27
Vent Hole..........................................................27
Power Management Recommendations.......... 27
Outline Dimensions............................................. 28
Ordering Guide.................................................28
Evaluation Boards............................................ 28
REVISION HISTORY
3/2024—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com