Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMFM2000ABVZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADMFM2000ABVZ
Description  Dual-Channel, 0.5 GHz to 32 GHz, Microwave Downconverter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMFM2000ABVZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADMFM2000ABVZ Datasheet HTML 2Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 3Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 4Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 5Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 6Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 7Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 8Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 9Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Data Sheet
ADMFM2000
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 6 of 28
Table 2. Absolute Maximum Ratings
Parameter
Rating
Maximum Supply Voltage
VDD_LNA_1 and VDD_LNA_2
8 V
VDD_IF_1 and VDD_IF_2
7 V
VDD_LO_DRIVER_1, VDD_LO_DRIVER_2
10 V
VSS_DSAS
−7 V
Maximum Input Power
RF_IN_1 and RF_IN_2
23 dBm
MIXER_IN_1and MIXER_IN_2
21 dBm
RF_BYPASS_IN_1 and RF_BYPASS_IN_2
26 dBm
LO_IN
24 dBm
Switch Control Inputs
SW1_CTRL_A, SW1_CTRL_B, SW2_CTRL_A,
and SW2_CTRL_B
−7.5 V to +0.5 V
DSA Control Inputs
DSA1_V0, DSA1_V1, DSA1_V2, DSA1_V3,
DSA1_V4,DSA2_V0, DSA2_V1, DSA2_V2,
DSA2_V3, and DSA2_V4
7.5 V
Temperature
Operating Range
−40°C to +85°C
Storage Range
−40°C to +150°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
The Layout Recommendations section details and shows a design
that utilizes multiple ground vias to maximize heat dissipation from
the device package.
θJC is the junction-to-case thermal resistance.
Table 3. Thermal Resistance
Package Type1
θJC2
Unit
BV-179-1
70
°C/W
1 Based on simulations with JEDEC standard JESD-51.
2 The θJC thermal resistance was determined by simulation of the heat transfer
from the hottest localized circuit in the package through the ground paddle of
the PCB, with the PCB ground paddle held constant at 85°C. The associated
power consumption of this circuit is 0.35 W.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in and ESD-protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Charged device model (CDM) per ANSI/ESDA/JEDEC JS-002.
ESD Ratings for ADMFM2000
Table 4. ADMFM2000, 179-Ball BGA_CAV
ESD Model
Withstand Threshold (V)
Class
HBM
±250
1A
CDM
RF Pins
±175
C0B
NonRF Pins
±500
C2A
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com