Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMFM2000ABVZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADMFM2000ABVZ
Description  Dual-Channel, 0.5 GHz to 32 GHz, Microwave Downconverter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMFM2000ABVZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADMFM2000ABVZ Datasheet HTML 20Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 21Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 22Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 23Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 24Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 25Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 26Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 27Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Data Sheet
ADMFM2000
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 25 of 28
Table 9. Connection Descriptions (Continued)
Functional Blocks
Pin No.
Mnemonic
Description
Basic Connection
VDD_LO_DRIVER_2,
VDD_LNA_2
voltage for Channel 2 LO driver, analog 5.0 V supply
voltage for Channel 2 LNA.
close as possible to the
pins.
−5 V Supply Voltage for
DSA
B18
VSS_DSAS
Analog −5.0 V supply voltage for DSAs.
Decouple this pin using 10
pF and 0.1 μF capacitors
to ground. Locate the
decoupling capacitors as
close as possible to the pin.
LNA Inputs
D2, L2
RF_IN_1, RF_IN_2
Single-ended RF inputs for Channel 1 and Channel 2.
Connect these pins to an
RF input source with a
typical input power of −20
dBm.
LNA Outputs
B6, M6
LNA_OUT_1,
LNA_OUT_2
Single-ended RF outputs for Channel 1 and Channel 2.
Connect these pins to signal
analyzer.
Mixer Inputs
B10, M10
MIXER_IN_1,
MIXER_IN_2
Single-ended mixer inputs for Channel 1 and Channel 2.
Connect these pins to an
RF input source with a
typical input power of −10
dBm.
LO Input
H2
LO_IN
Single-ended LO input for Channel 1 and Channel 2.
Connect this pin to RF input
source, typical input power
6 dBm.
IF Inputs
B12, M12
RF_BYPASS_IN_1,
RF_BYPASS_IN_2
Single-ended IF inputs for Channel 1 and Channel 2.
Connect these pins to an IF
input source with a typical
input power of −20 dBm.
IF Outputs
F18, L18
IF_OUT_1, IF_OUT_2
Single-ended IF outputs for Channel 1 and Channel 2.
Connect these pins to signal
analyzer.
Amplifier Gain Control
B2, K4, F4, G4
VGG_RFAMP_1,
VGG_RFAMP_2,
VGG_LOAMP_1,
VGG_LOAMP_2
Optional gain control voltage, these pins are internally
self-biased and must normally be left open.
Set these pins to left open.
Switch Control
B15, B16, L14, K14
SW1_CTRL_A,
SW1_CTRL_B,
SW2_CTRL_A,
SW2_CTRL_B
Channel 1 Switch Control Input A, and Channel 1 Switch
Control Input B, Channel 2 Switch Control Input A, and
Channel 2 Switch Control Input B.
These pins must always be
kept at a valid logic level
(Refer to Table 1).
DSA Attenuation
D15, D14, C14, C15, C16,
M14, M15, M16, L15, L16
DSA1_Vx1, DSA2_Vx1
Channel 1 DSA attenuation control voltage, and Channel
2 DSA attenuation control voltage.
These pins must always be
kept at a valid logic level
(Refer to Table 1) and not
be left floating.
Ground
A5, A7, A9, A11, A13, B3,
B5, B7, B8, B9, B11, B13,
B14, B17, C1 to C13, C17,
C18, D3 to D13, D16, D17,
E1 to E3, E16 to E19, F2, F3,
F6 to F14, F16, F17, G1 to
G3, G6 to G14, G16 to G19,
H3, H4, H6 to H14, H16 to
H18, J1 to J4, J16, J17, K1 to
K3, K5, K6, K8 to K13, K15
to K19, L3 to L13, L17, M1
to M3, M5, M7 to M9, M11,
M13, M17 to M19, N5, N7,
N9, N11, N13
GND
Ground.
Connect these balls to the
ground of the PCB.
1 x = 0, 1, 2, 3, and 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com