Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMFM2000ABVZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADMFM2000ABVZ
Description  Dual-Channel, 0.5 GHz to 32 GHz, Microwave Downconverter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMFM2000ABVZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADMFM2000ABVZ Datasheet HTML 7Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 8Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 9Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 10Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 11Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 12Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 13Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 14Page - Analog Devices ADMFM2000ABVZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
ADMFM2000
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 11 of 28
Figure 16. Input IP2 vs. Frequency for Various Temperatures, POUT per Tone
= −6 dBm at 11 MHz Tone Spacing
Figure 17. Input IP2 vs. Frequency for Various Supply Voltages, POUT per
Tone = −6 dBm at 11 MHz Tone Spacing
Figure 18. HD2 vs. Frequency, PLNA_OUT_x = −6 dBm
Figure 19. HD3 vs. Frequency, and PLNA_OUT_x = −6 dBm
Figure 20. PLNA_OUT_1 to PLNA_OUT_2 Channel to Channel Isolation vs.
Frequency, PRF_IN_1 = −20 dBm and RF_IN_2 = 50 Ω Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com