Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG790 Datasheet (PDF) - Analog Devices

ADG790 Datasheet PDF - Analog Devices
Part # ADG790
Download  ADG790 Download
File Size   412.79 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Voltage, CMOS Multimedia Switch

ADG790 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG790 Datasheet PDF - Analog Devices

Part # ADG790
Download  ADG790 Click to download

File Size   412.79 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Voltage, CMOS Multimedia Switch

ADG790 Datasheet (HTML) - Analog Devices


ADG790 Product details

GENERAL DESCRIPTION
The ADG790 is a single-chip, CMOS switching solution that comprises four SPDT switches and two 4:1 multiplexers. The internal architecture of the device provides two switching sections, a wide bandwidth section and a low distortion section.

FEATURES
   Single-chip audio/video/data switching solution
   Wide bandwidth section
      Rail-to-rail signal switching capability
      Compliant with full speed USB 2.0 signaling (3.6 V p-p)
      Compliant with high speed USB 2.0 signaling (400 mV p-p)
      Supports USB data rates up to 480 Mbps
      550 MHz, −3 dB bandwidth
      Low RON: 5.9 Ω typical
      Excellent matching between channels
   Low distortion section
      Low RON: 3.9 Ω typical
      230 MHz, −3 dB bandwidth (SPDT)
      160 MHz, −3 dB bandwidth (4:1 multiplexers)
   Single-supply operation: 1.65 V to 3.6 V
   Typical power consumption: <0.1 μW
   Pb-free packaging: 30-ball WLCSP (3 mm × 2.5 mm)

APPLICATIONS
   Cellular phones
   PMPs
   MP3 players
   Audio/video/data/USB switching




Similar Part No. - ADG790

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG790 AD-ADG790 Datasheet
395Kb / 6P
Tape and Reel Packaging
ADG790 AD-ADG790 Datasheet
395Kb / 6P
Tape and Reel Packaging
ADG790 AD-ADG790_15 Datasheet
403Kb / 20P
Low Voltage, CMOS Multimedia Switch
REV. A
More results


Similar Description - ADG790

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG719 AD-ADG719 Datasheet
117Kb / 8P
CMOS Low Voltage 4 ohm SPDT Switch
REV.A
ADG751 AD-ADG751 Datasheet
120Kb / 10P
CMOS, Low Voltage RF/Video, SPST Switch
REV.0
ADG752 AD-ADG752 Datasheet
131Kb / 8P
CMOS, Low Voltage RF/Video, SPDT Switch
REV.0
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394 Datasheet
134Kb / 12P
Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 0; 5/95
logo
Analog Devices
ADG736L AD-ADG736L Datasheet
269Kb / 12P
CMOS Low Voltage 2.5 OHM Dual SPDT Switch
REV. 0
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394_08 Datasheet
219Kb / 13P
Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 2; 9/08
logo
Analog Devices
ADG736BRMZ AD-ADG736BRMZ Datasheet
250Kb / 12P
CMOS Low Voltage 2.5 廓 Dual SPDT Switch
Rev. D
ADG736BRMZ-REEL7 AD-ADG736BRMZ-REEL7 Datasheet
250Kb / 12P
CMOS Low Voltage 2.5 廓 Dual SPDT Switch
REV. D
ADG790 AD-ADG790_15 Datasheet
403Kb / 20P
Low Voltage, CMOS Multimedia Switch
REV. A
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394_V01 Datasheet
1Mb / 13P
Low-Voltage, Quad, SPDT, CMOS Analog Switch
2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com