Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2527L-R Datasheet (PDF) - Skyworks Solutions Inc.

SE2527L-R Datasheet PDF - Skyworks Solutions Inc.
Part # SE2527L-R
Download  SE2527L-R Download
File Size   210.85 Kbytes
Page   14 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 2.4 GHz Power Amplifier with Power Detector Preliminary Information

SE2527L-R Datasheet (PDF)

Go To PDF Page Download Datasheet
SE2527L-R Datasheet PDF - Skyworks Solutions Inc.

Part # SE2527L-R
Download  SE2527L-R Click to download

File Size   210.85 Kbytes
Page   14 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 2.4 GHz Power Amplifier with Power Detector Preliminary Information

SE2527L-R Datasheet (HTML) - Skyworks Solutions Inc.


SE2527L-R Product details

Features
 Single 3.3 V Supply Operation
o 21 dBm, EVM = 3 %, 802.11g, OFDM 54 Mbps
o 24 dBm, ACPR < -32 dBc, 802.11b
 Dual Supply Operation
o 23 dBm, EVM = 3 %, 802.11g, OFDM 54 Mbps
o 25 dBm, ACPR < -32 dBc, 802.11b
 32 dB Gain
 Pin for pin compatible to the SE2525L
 Integrated temperature compensated power detector
 Integrated power amplifier enable pin (VEN)
 Lead Free and RoHS compliant
 Small package: 16 pin 4 mm x 4 mm x 0.9 mm QFN




Similar Part No. - SE2527L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2527L-R SIGE-SE2527L-R Datasheet
59Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
More results


Similar Description - SE2527L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2522L SIGE-SE2522L Datasheet
378Kb / 8P
RangeCharger??2.4 GHz Power Amplifier And Power Detector IC Preliminary Information
SE2425U SIGE-SE2425U Datasheet
225Kb / 10P
RangeChargerTM 2.4 GHz Bluetooth Power Amplifier IC Preliminary Information
SE2525L SIGE-SE2525L Datasheet
1,000Kb / 12P
RangeCharger??2.4GHz Power Amplifier with Power Detector Preliminary Information
SE2527L SIGE-SE2527L Datasheet
59Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2523BU SIGE-SE2523BU Datasheet
64Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary
SE2597L SIGE-SE2597L Datasheet
70Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2590L SIGE-SE2590L Datasheet
76Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2567L SIGE-SE2567L Datasheet
69Kb / 2P
5 GHz Power Amplifier with Power Detector Preliminary Information
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
logo
Skyworks Solutions Inc.
SE5023L-DS SKYWORKS-SE5023L-DS Datasheet
236Kb / 11P
5 GHz, 26dBm Power Amplifier with Power Detector Preliminary Information
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com