Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2527L-R Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SE2527L-R
Description  2.4 GHz Power Amplifier with Power Detector Preliminary Information
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2527L-R Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SE2527L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DATA SHEET
SE2527L: 2.4 GHz Power Amplifier with Power Detector
Preliminary Information
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202418A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
1
Applications
DSSS 2.4 GHz WLAN (IEEE802.11b)
OFDM 2.4 GHz WLAN (IEEE802.11g)
Access Points, PCMCIA, PC cards
Features
Single 3.3 V Supply Operation
o
21 dBm, EVM = 3 %, 802.11g, OFDM 54
Mbps
o
24 dBm, ACPR < -32 dBc, 802.11b
Dual Supply Operation
o
23 dBm, EVM = 3 %, 802.11g, OFDM 54
Mbps
o
25 dBm, ACPR < -32 dBc, 802.11b
32 dB Gain
Pin for pin compatible to the SE2525L
Integrated
temperature
compensated
power
detector
Integrated power amplifier enable pin (VEN)
Lead Free and RoHS compliant
Small package: 16 pin 4 mm x 4 mm x 0.9 mm
QFN
Ordering Information
Part Number
Package
Remark
SE2527L
16 Pin QFN
Samples
SE2527L-R
16 Pin QFN
Tape and Reel
SE2527L-AK1
Application Kit
Standard
Product Description
The SE2527L is a 2.4 GHz power amplifier designed
for use in the 2.4 GHz ISM band for wireless LAN
applications.
The
device
incorporates
a
power
detector for closed loop monitoring of the output
power.
The SE2527L also offers a high power mode by
operating at 5 V.
This provides an extra 2 dB of
improved EVM performance.
The SE2527L includes a digital enable control for
device on/off control.
The device is pin for pin compatible to Skyworks’
SE2524L, allowing both devices to share the same
application board with only a few component changes
required. This provides users with both a high and
low power solution without changing the layout.
The
SE2527L
temperature
compensated
power
detector is highly immune to mismatch at its output
with less than 1.5 dB of variation with a 2:1 mismatch.
Functional Block Diagram
V CC0
V DET OUT
OUT/V CC3
IN
V CC1
V CC2
Stage 2
Stage 1
Stage 3
Bias Generator
Detector
V EN


Similar Part No. - SE2527L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2527L-R SIGE-SE2527L-R Datasheet
59Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
More results

Similar Description - SE2527L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2522L SIGE-SE2522L Datasheet
378Kb / 8P
RangeCharger??2.4 GHz Power Amplifier And Power Detector IC Preliminary Information
SE2425U SIGE-SE2425U Datasheet
225Kb / 10P
RangeChargerTM 2.4 GHz Bluetooth Power Amplifier IC Preliminary Information
SE2525L SIGE-SE2525L Datasheet
1,000Kb / 12P
RangeCharger??2.4GHz Power Amplifier with Power Detector Preliminary Information
SE2527L SIGE-SE2527L Datasheet
59Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2523BU SIGE-SE2523BU Datasheet
64Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary
SE2597L SIGE-SE2597L Datasheet
70Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2590L SIGE-SE2590L Datasheet
76Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2567L SIGE-SE2567L Datasheet
69Kb / 2P
5 GHz Power Amplifier with Power Detector Preliminary Information
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
logo
Skyworks Solutions Inc.
SE5023L-DS SKYWORKS-SE5023L-DS Datasheet
236Kb / 11P
5 GHz, 26dBm Power Amplifier with Power Detector Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com