Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2527L-R Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SE2527L-R
Description  2.4 GHz Power Amplifier with Power Detector Preliminary Information
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2527L-R Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SE2527L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DATA SHEET
SE2527L: 2.4 GHz Power Amplifier with Power Detector
Preliminary Information
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202418A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
3
16
GND
Ground
Die Pad
GND
Exposed die pad; electrical and thermal ground
Absolute Maximum Ratings
These are stress ratings only. Exposure to stresses beyond these maximum ratings for a long period of time may
cause permanent damage to, or affect the reliability of the device. Avoid operating the device outside the
recommended operating conditions defined below. This device is ESD sensitive. Handling and assembly of this
device should be at ESD protected workstations.
Symbol
Definition
Min.
Max.
Unit
VCC
Supply Voltage on pins VCC0, VCC1, and VCC2
-0.3
4
V
VCC3
Supply Voltage on pins VCC3 (Note: SE2527L
application circuit must be followed for operation
above 3.6 V)
-0.3
5.5
V
VEN
Power Amplifier Enable
-0.3
VCC0 + 0.3
V
IN
RF Input Power
-
2
dBm
TSTG
Storage Temperature Range
-40
150
°C
Tj
Maximum Junction Temperature
-
150
°C
Recommended Operating Conditions
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage on pins VCC0, VCC1, VCC2
2.9
3.6
V
VCC3
Supply Voltage on pins VCC3 (Note: SE2527L
application circuit must be followed for operation
above 3.6 V)
2.9
5.5
V
TA
Ambient Temperature
-20
85
°C
DC Electrical Characteristics
Conditions:
VCC = VCC3 = VEN = 3.3 V, TA = 25 °C, as measured on Skyworks Solutions’ SE2527L-EV1 evaluation
board, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICC-802.11b
Supply Current
(Sum of VCC0,
VCC1, VCC2, VCC3)
POUT = 24 dBm, 11 Mbps CCK
signal, BT = 0.45, VCC = VCC3 = 3.3 V
-
300
-
mA
POUT = 25 dBm, 11 Mbps CCK
signal, BT = 0.45, VCC = 3.3 V, VCC3
= 5.0 V
-
375
475
mA
ICC-802.11g
Supply Current
(Sum of VCC0,
POUT = 21 dBm, 54 Mbps OFDM
signal, 64 QAM, VCC = VCC3 = 3.3 V
-
230
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com