Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2527L-R Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SE2527L-R
Description  2.4 GHz Power Amplifier with Power Detector Preliminary Information
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2527L-R Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SE2527L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 13Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 14Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
DATA SHEET
SE2527L: 2.4 GHz Power Amplifier with Power Detector
Preliminary Information
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202418A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
10
Typical 5 V Performance Characteristics
Conditions: VCC = VEN = 3.3 V, VCC3 = 5 V, f = 2.45 GHz, TA = 25 °C, as measured on Skyworks Solutions’ SE2527L-
EV1 evaluation board, unless otherwise noted
802.11g Performance
802.11G EVM vs. Output Power Over Frequency
0
1
2
3
4
5
3
5
7
9
11
13
15
17
19
21
23
Output Power (dBm)
2400
2425
2450
2500
Figure 7: SE2527L 802.11g 54 Mbps EVM
General (CW)
CW Gain vs Output Power Over Frequency
30
31
32
33
34
35
8
10
12
14
16
18
20
22
24
26
28
30
32
Output Power (dBm)
2400
2425
2450
2500
P1dB and Small Signal Gain vs. Frequency
26
26.5
27
27.5
28
28.5
29
29.5
30
2400
2420
2440
2460
2480
2500
Frequency (MHz)
33
34
35
P1dB
SSG
(a)
(b)
Figure 8: CW Typical Performance (a) Gain vs. Output Power over Frequency and (b) P1db and Small Signal
Gain vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com