Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2527L-R Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SE2527L-R
Description  2.4 GHz Power Amplifier with Power Detector Preliminary Information
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2527L-R Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SE2527L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2527L-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DATA SHEET
SE2527L: 2.4 GHz Power Amplifier with Power Detector
Preliminary Information
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202418A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
4
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VCC1, VCC2, VCC3)
POUT = 23 dBm, 54 Mbps OFDM
signal, 64 QAM, VCC = 3.3 V, VCC3 =
5.0 V
-
290
340
mA
IOFF
Supply Current
VEN = 0 V, No RF
-
3
10
μA
VENH
Logic High Voltage
-
1.3
-
VCC
V
VENL
Logic Low Voltage
-
0
-
0.5
V
AC Electrical Characteristics
802.11b/g AC Electrical Characteristics (3.3 V)
Conditions:
VCC = VCC3 = VEN = 3.3 V, f = 2.45 GHz, TA = 25 °C, as measured on Skyworks Solutions’ SE2527L-EV1
evaluation board, unless otherwise noted
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fL-U
Frequency Range
-
2400
-
2500
MHz
P1dB
Output 1dB compression point
No modulation
24.5
26.5
-
dBm
S21
Small Signal Gain
PIN = -25 dBm
29
33
36
dB
ΔS21
Gain Variation over band
PIN = -25 dBm,
fIN= 2400 to 2500 MHz
-
1
-
dB
ACPR
Adjacent Channel Power Ratio
±11 MHz offsets from carrier
±22 MHz offsets from carrier
POUT = 24 dBm, 11
Mbps CCK signal, BT =
0.45
-
-
-37
-60
-
-
dBc
2f
Harmonic
POUT = 24 dBm, CW
-
-40
-
dBm/MHz
3f
-
-40
-
dBm/MHz
EVM
Error Vector Magnitude
POUT = 21 dBm, 54
Mbps OFDM signal, 64
QAM
-
3.0
-
%
tr, tf
Rise and Fall Time
-
-
0.5
-
µSec
STAB
Stability
POUT = 24 dBm, 54
Mbps OFDM signal, 64
QAM VSWR = 6:1 All
Phases
All non-harmonically related outputs less
than -50 dBc/100 kHz
VSWR
Tolerance to output load
mismatching
POUT = 24 dBm, 54
Mbps OFDM signal, 64
QAM VSWR = 10:1 All
Phases
No damage
802.11b/g AC Electrical Characteristics (5 V)
Conditions:
VCC = VEN = 3.3 V, VCC3 = 5 V, f = 2.45 GHz, TA = 25 °C, as measured on Skyworks Solutions SE2527L-
EV1 evaluation board, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com