Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5512L-R Datasheet (PDF) - Skyworks Solutions Inc.

SE5512L-R Datasheet PDF - Skyworks Solutions Inc.
Part # SE5512L-R
Download  SE5512L-R Download
File Size   531.42 Kbytes
Page   16 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Dual-Band 802.11a/b/g/n Wireless LAN Front-End Preliminary Information

SE5512L-R Datasheet (PDF)

Go To PDF Page Download Datasheet
SE5512L-R Datasheet PDF - Skyworks Solutions Inc.

Part # SE5512L-R
Download  SE5512L-R Click to download

File Size   531.42 Kbytes
Page   16 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Dual-Band 802.11a/b/g/n Wireless LAN Front-End Preliminary Information

SE5512L-R Datasheet (HTML) - Skyworks Solutions Inc.


SE5512L-R Product details

Applications
 IEEE802.11b DSSS WLAN
 IEEE802.11g OFDM WLAN
 IEEE802.11a OFDM WLAN
 IEEE802.11n WLAN
 Access Points, PCMCIA, PC cards

Features
 All RF ports matched to 50 Ω
 Integrated 2.4 GHz PA, 5 GHz PA, T/R switch, 2.5GHz LNA, 5GHz LNA
 Integrated Power Detector for each TX Chain
 19 dBm O/P Power, 802.11b, 11 Mbits, ACPR = 35 dBc
 18 dBm @ 3.0 % EVM, 802.11g, 54 Mbits
 16 dBm @ 3.0 % EVM, 802.11a, 54 Mbits
 Single supply voltage: 3.3 V ± 10 %
 Lead free, Halogen free, RoHS compliant, MSL 1
 4mm x 4mm x 0.9mm, QFN Package

Product Description
The SE5512L is a complete 802.11a/b/g/n WLAN RF front-end module providing all the functionality of the power amplifiers, filtering, power detector, T/R switch, diplexers, LNA and associated matching. The SE5512L provides a complete 2.4 GHz and 5 GHz WLAN RF solution from the output of the transceiver to the antenna in an ultra compact form factor.
Designed for ease of use, all RF ports are matched to 50 Ω to simplify PCB layout and the interface to the transceiver RFIC. The SE5512L also includes a transmit power detector with 20 dB of dynamic range for each transmit chain. Each transmit chain has a separate digital enable control for transmitter power ramp on/off control. The power ramp rise/fall time is less than 0.7 μsec.
The device also provides a notch filter from 3.260-3.267 GHz and 3.28-3.89 GHz prior to the input of each 2.4 GHz and 5 GHz power amplifiers, respectively.
The SE5512L packaged in 4mm x 4mm x 0.9mm, Halogen free, Lead free, ROHS compliant, MSL 3 QFN package.




Similar Part No. - SE5512L-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE5512 PHILIPS-SE5512 Datasheet
33Kb / 4P
Dual high-performance operational amplifier
August 31, 1994
SE5512N PHILIPS-SE5512N Datasheet
33Kb / 4P
Dual high-performance operational amplifier
August 31, 1994
More results


Similar Description - SE5512L-R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ADM8262 INFINEON-ADM8262 Datasheet
425Kb / 2P
Wireless LAN 802.11a/b/g Controller
2004
logo
SiGe Semiconductor, Inc...
SE2545A30 SIGE-SE2545A30 Datasheet
105Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2545A23 SIGE-SE2545A23 Datasheet
105Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2593A20 SIGE-SE2593A20 Datasheet
119Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2547A SIGE-SE2547A Datasheet
104Kb / 2P
Dual Band 802.11a/b/g/n Wireless LAN Front End Preliminary Information
SE2548A SIGE-SE2548A Datasheet
117Kb / 2P
Dual Band 802.11a/b/g/n Wireless LAN Front End Preliminary Information
SE2595L SIGE-SE2595L Datasheet
118Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
logo
Skyworks Solutions Inc.
SKY85806-11 SKYWORKS-SKY85806-11 Datasheet
1Mb / 17P
Dual-Band 802.11a-g-n-ac Wireless LAN
SE2593A20 SKYWORKS-SE2593A20_15 Datasheet
666Kb / 18P
Dual-Band 802.11n Wireless LAN Front-End
SKY85806-11 SKYWORKS-SKY85806-11_16 Datasheet
1Mb / 18P
Dual-Band 802.11a/g/n/ac Wireless LAN Front End
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com