Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5512L-R Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SE5512L-R
Description  Dual-Band 802.11a/b/g/n Wireless LAN Front-End Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE5512L-R Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SE5512L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
DATA SHEET
SE5512L: Dual-Band 802.11a/b/g/n Wireless LAN Front-End
Preliminary Information
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202453A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
6
2.4 GHz AC Electrical Characteristics
2.4 GHz Transmit Characteristics
Conditions:
VCC = 3.3 V, ENg = 3.3 V, ENa = C0 = C1 = 0 V, TA = 25
°C, as measured on Skyworks Solutions’
SE5512L-EV1 evaluation board, all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
FIN
Frequency Range
-
2400
-
2500
MHz
P802.11g
Output power
54 Mbps OFDM signal, 64QAM,
EVM = 3.0 %
-
18
-
dBm
P802.11b
Output power
11 Mbps CCK signal, BT = 0.45
ACPR(± 11MHz offset) < -35
ACPR(± 22MHz offset) < -56
-
19
-
dBm
P1dB
P1dB
-
23
25.5
-
dBm
S21
Small Signal Gain
-
25
28
30
dB
ΔS21
Small Signal Gain
Variation Over Band
-
-
1.0
2.0
dB
S213.2
Gain at Ref-VCO
3200.00 to 3300.00 MHz
-
-
0
dB
2f,3f
Harmonics
Pout
≤ 19 dBm, 1Mbps, CCK
-
-
-45.2
dBm/MHz
tr
Rise Time
10 % to 90% of final output
power level
-
-
0.5
μs
tdr, tdf
Delay and rise/fall
Time
50 % of VEN edge and 90/10 %
of final output power level
-
-
0.5
μs
S11
Input Return Loss
-
8
10
-
dB
STAB
Stability
CW, POUT = 19 dBm
0.1 GHz – 21 GHz
Load VSWR = 6:1
All non-harmonically related outputs less
than -42 dBm/MHz
Ru
Ruggedness
Tg = 12dBm, ANT load varies
over 6:1 VSWR
No Irreversible damage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com