Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5512L-R Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SE5512L-R
Description  Dual-Band 802.11a/b/g/n Wireless LAN Front-End Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE5512L-R Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SE5512L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DATA SHEET
SE5512L: Dual-Band 802.11a/b/g/n Wireless LAN Front-End
Preliminary Information
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202453A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
5
PA Logic Characteristics
Conditions:
VCC = 3.3 V, TA = 25
°C, as measured on Skyworks Solutions’ SE5512L-EV1 evaluation board (de-
embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VENH
Logic High Voltage for ENg,
ENa (Module On)
-
1.8
-
VCC
V
VENL
Logic Low Voltage ENg,
ENa (Module Off)
-
0
-
0.4
V
IENH
Input Current Logic High
Voltage (ENg, ENa)
-
-
50
100
μA
IENL
Input Current Logic Low
Voltage (ENg, ENa)
VCC = 0.4V
-
0
40
μA
Switch/LNA Logic Characteristics
Conditions:
VCC = 3.3 V, VEN = 0 V, TA = 25
°C, as measured on Skyworks Solutions’ SE5512L-EV1 evaluation
board (de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VCTL_ON
Control Voltage C0, C1
(On State)
-
3.0
-
3.6
V
VCTL_OFF
Control Voltage C0, C1
(OFF State)
-
0.0
-
0.4
V
ICTL_ON
Switch Control Bias
Current (RF Applied)
On pin (TX, RX) being
driven high. RF Applied
-
-
400
µA
ICTL_ON
Switch Control Bias
Current (No RF)
On pin (TX, RX) being
driven high. No RF
-
-
30
µA
Switch & LNA Control Logic Table
C0
C1
EnG
EnA
Tg
↔ ANT
Ta
↔ ANT
Rg
↔ ANT
Ra
↔ ANT
VCTL_OFF
VCTL_ON
VENH
VENL
ON
OFF
OFF
OFF
VCTL_OFF
VCTL_OFF
VENL
VENH
OFF
ON
OFF
OFF
VCTL_ON
VCTL_OFF
VENL
VENL
OFF
OFF
OFF
LNA ON
VCTL_ON
VCTL_ON
VENL
VENL
OFF
OFF
LNA ON
OFF
VCTL_OFF
VCTL_OFF
VENL
VENL
Stand By Mode, PAs and LNAs OFF – Low Current Consumption
All Other States
Not Supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com