Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5512L-R Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SE5512L-R
Description  Dual-Band 802.11a/b/g/n Wireless LAN Front-End Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE5512L-R Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SE5512L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DATA SHEET
SE5512L: Dual-Band 802.11a/b/g/n Wireless LAN Front-End
Preliminary Information
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202453A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
3
Pin Out Diagram
Figure 2: SE5512L Pin Out (Top View Through Package)
Pin Out Description
Pin No.
Name
Description
Pin No.
Name
Description
1
C0
Switch Control
13
GND
Ground
2
Rg
2.4 GHz RF Receive Output
14
GND
Ground
3
Ra
5 GHz RF Receive Output
15
GND
Ground
4
Tg
2.4 GHz RF Transmit Input
16
GND
Ground
5
Ta
5 GHz RF Transmit Input
17
ANT
Antenna
6
Det
2.4/5 GHz Power Detector Output
18
GND
Ground
7
ENa
5 GHz Power Amplifier Enable
19
GND
Ground
8
ENg
2.4 GHz Power Amplifier Enable
20
GND
Ground
9
VCC
Supply Voltage
21
GND
Ground
10
VCC
Supply Voltage
22
GND
Ground
11
VCC
Supply Voltage
23
VCC
Supply Voltage
12
VCC
Supply Voltage
24
C1
Switch Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com