Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5512L-R Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SE5512L-R
Description  Dual-Band 802.11a/b/g/n Wireless LAN Front-End Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE5512L-R Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SE5512L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE5512L-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATA SHEET
SE5512L: Dual-Band 802.11a/b/g/n Wireless LAN Front-End
Preliminary Information
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202453A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
1
Applications
IEEE802.11b DSSS WLAN
IEEE802.11g OFDM WLAN
IEEE802.11a OFDM WLAN
IEEE802.11n WLAN
Access Points, PCMCIA, PC cards
Features
All RF ports matched to 50 Ω
Integrated 2.4 GHz PA, 5 GHz PA, T/R switch,
2.5GHz LNA, 5GHz LNA
Integrated Power Detector for each TX Chain
19 dBm O/P Power, 802.11b, 11 Mbits, ACPR =
35 dBc
18 dBm @ 3.0 % EVM, 802.11g, 54 Mbits
16 dBm @ 3.0 % EVM, 802.11a, 54 Mbits
Single supply voltage: 3.3 V ± 10 %
Lead free, Halogen free, RoHS compliant, MSL 1
4mm x 4mm x 0.9mm, QFN Package
Ordering Information
Part No.
Package
Remark
SE5512L
24 pin QFN
Samples
SE5512L-R
24 pin QFN
Tape and Reel
SE5512L-EK1
N/A
Evaluation kit
Product Description
The SE5512L is a complete 802.11a/b/g/n WLAN RF
front-end module providing all the functionality of the
power amplifiers, filtering, power detector, T/R switch,
diplexers,
LNA
and
associated
matching.
The
SE5512L provides a complete 2.4 GHz and 5 GHz
WLAN RF solution from the output of the transceiver
to the antenna in an ultra compact form factor.
Designed for ease of use, all RF ports are matched to
50
Ω to simplify PCB layout and the interface to the
transceiver RFIC.
The SE5512L also includes a
transmit power detector with 20 dB of dynamic range
for each transmit chain. Each transmit chain has a
separate digital enable control for transmitter power
ramp on/off control. The power ramp rise/fall time is
less than 0.7
μsec.
The device also provides a notch filter from 3.260-
3.267 GHz and 3.28-3.89 GHz prior to the input of
each
2.4
GHz
and
5
GHz
power
amplifiers,
respectively.
The SE5512L packaged in 4mm x 4mm x 0.9mm,
Halogen free, Lead free, ROHS compliant, MSL 3
QFN package.


Similar Part No. - SE5512L-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE5512 PHILIPS-SE5512 Datasheet
33Kb / 4P
Dual high-performance operational amplifier
August 31, 1994
SE5512N PHILIPS-SE5512N Datasheet
33Kb / 4P
Dual high-performance operational amplifier
August 31, 1994
More results

Similar Description - SE5512L-R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ADM8262 INFINEON-ADM8262 Datasheet
425Kb / 2P
Wireless LAN 802.11a/b/g Controller
2004
logo
SiGe Semiconductor, Inc...
SE2545A30 SIGE-SE2545A30 Datasheet
105Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2545A23 SIGE-SE2545A23 Datasheet
105Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2593A20 SIGE-SE2593A20 Datasheet
119Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2547A SIGE-SE2547A Datasheet
104Kb / 2P
Dual Band 802.11a/b/g/n Wireless LAN Front End Preliminary Information
SE2548A SIGE-SE2548A Datasheet
117Kb / 2P
Dual Band 802.11a/b/g/n Wireless LAN Front End Preliminary Information
SE2595L SIGE-SE2595L Datasheet
118Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
logo
Skyworks Solutions Inc.
SKY85806-11 SKYWORKS-SKY85806-11 Datasheet
1Mb / 17P
Dual-Band 802.11a-g-n-ac Wireless LAN
SE2593A20 SKYWORKS-SE2593A20_15 Datasheet
666Kb / 18P
Dual-Band 802.11n Wireless LAN Front-End
SKY85806-11 SKYWORKS-SKY85806-11_16 Datasheet
1Mb / 18P
Dual-Band 802.11a/g/n/ac Wireless LAN Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com