Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2106 Datasheet (PDF) - Monolithic Power Systems

MP2106 Datasheet PDF - Monolithic Power Systems
Part # MP2106
Download  MP2106 Download
File Size   291.56 Kbytes
Page   11 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.5A, 15V, 800KHz Synchronous Buck Converter

MP2106 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2106 Datasheet PDF - Monolithic Power Systems

Part # MP2106
Download  MP2106 Click to download

File Size   291.56 Kbytes
Page   11 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.5A, 15V, 800KHz Synchronous Buck Converter

MP2106 Datasheet (HTML) - Monolithic Power Systems


MP2106 Product details

DESCRIPTION
The MP2106 is a 1.5A, 800KHz synchronous buck converter designed for low voltage applications requiring high efficiency. It is capable of providing output voltages as low as 0.9V, and integrates top and bottom switches to minimize power loss and component count. The 800KHz switching frequency reduces the size of filtering components, further reducing the solution size.
The MP2106 includes cycle-by-cycle current limiting and under voltage lockout. The internal power switches, combined with the tiny 10-pin MSOP and QFN packages, provide a solution requiring a minimum of surface area.

FEATURES
• 1.5A Output Current
• Synchronous Rectification
• Internal 210mΩ and 255mΩ Power Switches
• Input Range of 2.6V to 15V
• >90% Efficiency
• Zero Current Shutdown Mode
• Under Voltage Lockout Protection
• Soft-Start Operation
• Thermal Shutdown
• Internal Current Limit (Source & Sink)
• Tiny 10-Pin MSOP or QFN Package

APPLICATIONS
• DC/DC Regulation from Wall Adapters
• Portable Entertainment Systems
• Set Top Boxes
• Digital Video Cameras, DECT
• Networking Equipment
• Wireless Modems




Similar Part No. - MP2106

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
MP2106-0M0 LSTD-MP2106-0M0 Datasheet
1Mb / 38P
Ferrite EMI Cable Cores
2017
logo
Monolithic Power System...
MP2106DK MPS-MP2106DK Datasheet
212Kb / 4P
2.6V to 15V IN, 1.5A OUT Synchronous Buck Converter Evaluation Board
MP2106DQ MPS-MP2106DQ Datasheet
212Kb / 4P
2.6V to 15V IN, 1.5A OUT Synchronous Buck Converter Evaluation Board
More results


Similar Description - MP2106

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2106DQ-00A MPS-EV2106DQ-00A Datasheet
212Kb / 4P
2.6V to 15V IN, 1.5A OUT Synchronous Buck Converter Evaluation Board
logo
Richtek Technology Corp...
RT7251A RICHTEK-RT7251A Datasheet
241Kb / 14P
1.5A, 17V, 340/800kHz Synchronous Step-Down Converter
logo
Linear Technology
LTC3111 LINER-LTC3111_15 Datasheet
508Kb / 32P
15V, 1.5A Synchronous Buck-Boost DC/DC Converter
LTC3111EDHD LINER-LTC3111EDHD Datasheet
532Kb / 6P
15V, 1.5A Synchronous Buck-Boost DC/DC Converter
logo
ACE Technology Co., LTD...
ACE7215C ACE-ACE7215C Datasheet
1,013Kb / 10P
1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8027 BELLING-BL8027 Datasheet
722Kb / 5P
1.5A 1.5MHz Synchronous Buck Converter
logo
Linear Technology
LTC3111 LINER-LTC3111 Datasheet
508Kb / 32P
15V, 1.5A Synchronous Buck-Boost DC/DC Converter
logo
ACE Technology Co., LTD...
ACE7215A ACE-ACE7215A Datasheet
405Kb / 9P
1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
logo
Major-Power Technology ...
MA5001 MPOWER-MA5001 Datasheet
544Kb / 12P
1.5A 1.5MHz Synchronous Buck Converter
MA6001 MPOWER-MA6001 Datasheet
357Kb / 10P
Dual 1.5A 1.5MHz Synchronous Buck Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com