Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2106 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2106
Description  1.5A, 15V, 800KHz Synchronous Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2106 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2106 Datasheet HTML 3Page - Monolithic Power Systems MP2106 Datasheet HTML 4Page - Monolithic Power Systems MP2106 Datasheet HTML 5Page - Monolithic Power Systems MP2106 Datasheet HTML 6Page - Monolithic Power Systems MP2106 Datasheet HTML 7Page - Monolithic Power Systems MP2106 Datasheet HTML 8Page - Monolithic Power Systems MP2106 Datasheet HTML 9Page - Monolithic Power Systems MP2106 Datasheet HTML 10Page - Monolithic Power Systems MP2106 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MP2106 – 1.5A, 15V, 800KHz SYNCHRONOUS BUCK CONVERTER
MP2106 Rev. 1.6
www.MonolithicPower.com
7
2/22/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
voltage to ramp linearly from 0V to the desired
regulation voltage during soft-start.
The soft-start period is determined by the
equation:
5
C
45
.
0
tSS
×
=
Where C5 (in nF) is the soft-start capacitor from
SS to GND, and tSS (in ms) is the soft-start
period. Determine the capacitor required for a
given soft-start period by the equation:
SS
t
22
.
2
5
C
×
=
Use values between 10nF and 22nF for C5 to
set the soft-start period (between 4ms and
10ms).
Setting the Output Voltage (see Figure 2)
Set the output voltage by selecting the resistive
voltage divider ratio. The voltage divider drops
the output voltage to the 0.895V feedback
voltage. Use 10kΩ for the low-side resistor of
the voltage divider. Determine the high-side
resistor by the equation:
1
R
1
V
895
.
0
V
2
R
OUT
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
Where R2 is the high-side resistor, VOUT is the
output voltage and R1 is the low-side resistor.
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous, and so a capacitor is required to
supply the AC current to the step-down
converter while maintaining the DC input
voltage. A low ESR capacitor is required to
keep the noise at the IC to a minimum. Ceramic
capacitors are preferred, but tantalum or low
ESR electrolytic capacitors may also suffice.
The capacitor can be electrolytic, tantalum or
ceramic. Because it absorbs the input switching
current it must have an adequate ripple current
rating. Use a capacitor with RMS current rating
greater than 1/2 of the DC load current.
For stable operation, place the input capacitor
as close to the IC as possible. A smaller high
quality 0.1µF ceramic capacitor may be placed
closer to the IC with the larger capacitor placed
further away. If using this technique, it is
recommended that the larger capacitor be a
tantalum or electrolytic type. All ceramic
capacitors should be placed close to the
MP2106. For most applications, a 10µF ceramic
capacitor will work.
Selecting the Output Capacitor
The output capacitor (C2) is required to
maintain the DC output voltage. Low ESR
capacitors are preferred to keep the output
voltage ripple to a minimum. The characteristics
of the output capacitor also affect the stability of
the
regulation
control
system.
Ceramic,
tantalum, or low ESR electrolytic capacitors are
recommended.
The output voltage ripple is:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
+
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
=
2
C
f
8
1
R
V
V
1
L
f
V
V
SW
ESR
IN
OUT
SW
OUT
RIPPLE
Where VRIPPLE is the output voltage ripple, fSW is
the switching frequency, VIN is the input voltage,
RESR is the equivalent series resistance of the
output capacitors and fSW is the switching
frequency.
Choose an output capacitor to satisfy the output
ripple requirements of the design. A 22µF
ceramic
capacitor
is
suitable
for
most
applications.
Selecting the Inductor
The inductor is required to supply constant
current to the output load while being driven by
the switched input voltage. A larger value
inductor results in less ripple current that will
result in lower output ripple voltage. However,
the larger value inductor is likely to have a
larger
physical
size
and
higher
series
resistance. Choose an inductor that does not
saturate under the worst-case load conditions.
A good rule for determining the inductance is to
allow the peak-to-peak ripple current to be
approximately 30% to 40% of the maximum
load current. Make sure that the peak inductor
current (the load current plus half the peak-to-
peak inductor ripple current) is below 2.5A to
prevent loss of regulation due to the current
limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com