Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2106 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2106
Description  1.5A, 15V, 800KHz Synchronous Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2106 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2106 Datasheet HTML 1Page - Monolithic Power Systems MP2106 Datasheet HTML 2Page - Monolithic Power Systems MP2106 Datasheet HTML 3Page - Monolithic Power Systems MP2106 Datasheet HTML 4Page - Monolithic Power Systems MP2106 Datasheet HTML 5Page - Monolithic Power Systems MP2106 Datasheet HTML 6Page - Monolithic Power Systems MP2106 Datasheet HTML 7Page - Monolithic Power Systems MP2106 Datasheet HTML 8Page - Monolithic Power Systems MP2106 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP2106 – 1.5A, 15V, 800KHz SYNCHRONOUS BUCK CONVERTER
MP2106 Rev. 1.6
www.MonolithicPower.com
4
2/22/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
TYPICAL PERFORMANCE CHARACTERISTICS
Circuit of Figure 2, VIN = 5V, VOUT = 1.8V, L1 = 5µH, C1 = 10µF, C2 = 22µF, TA = +25°C, unless
otherwise noted.
VOUT
1V/div.
IL
1A/div.
MP2106-TPC06
Short Circuit Protection
VOUT
1V/div.
IL
1A/div.
Short Circuit Recovery
MP2106-TPC07
VSW
5V/div.
VO
AC Coupled
10mV/div.
VIN
AC Coupled
200mV/div.
IL
1A/div.
MP2106-TPC01
Steady State Operation
1.5A Load
VSW
5V/div.
VO
AC Coupled
10mV/div.
VIN
AC Coupled
20mV/div.
IL
1A/div.
Steady State Operation
No Load
MP2106-TPC02
VEN
2V/div.
VOUT
1V/div.
VSW
5V/div.
IL
1A/div.
1ms/div.
MP2106-TPC04
Startup from Shutdown
1.5A Resistive Load
VEN
2V/div.
VOUT
1V/div.
VSW
5V/div.
IL
1A/div.
1ms/div.
Startup from Shutdown
No Load
MP2106-TPC05
VOUT
AC Coupled
200mV/div.
ILOAD
1A/div.
IL
1A/div.
MP2106-TPC03
Load Transient



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com