Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2106 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2106
Description  1.5A, 15V, 800KHz Synchronous Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2106 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2106 Datasheet HTML 2Page - Monolithic Power Systems MP2106 Datasheet HTML 3Page - Monolithic Power Systems MP2106 Datasheet HTML 4Page - Monolithic Power Systems MP2106 Datasheet HTML 5Page - Monolithic Power Systems MP2106 Datasheet HTML 6Page - Monolithic Power Systems MP2106 Datasheet HTML 7Page - Monolithic Power Systems MP2106 Datasheet HTML 8Page - Monolithic Power Systems MP2106 Datasheet HTML 9Page - Monolithic Power Systems MP2106 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MP2106 – 1.5A, 15V, 800KHz SYNCHRONOUS BUCK CONVERTER
MP2106 Rev. 1.6
www.MonolithicPower.com
6
2/22/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
The MP2106 measures the output voltage
through an external resistive voltage divider and
compares that voltage to the internal 0.9V
reference in order to generate the error voltage
at COMP. The current-mode regulator uses the
voltage at COMP and compares it to the
inductor current to regulate the output voltage.
The use of current-mode regulation improves
transient response and improves control loop
stability.
At the beginning of each cycle, the high-side
N-Channel MOSFET is turned on, forcing the
inductor current to rise. The current at the drain
of
the
high-side
MOSFET
is
internally
measured and converted to a voltage by the
current sense amplifier.
That voltage is compared to the error voltage at
COMP. When the inductor current rises
sufficiently, the PWM comparator turns off the
high-side switch and turns on the low-side
switch, forcing the inductor current to decrease.
The average inductor current is controlled by
the voltage at COMP, which in turn is controlled
by the output voltage. Thus the output voltage
controls the inductor current to satisfy the load.
Since the high-side N-Channel MOSFET
requires voltages above VIN to drive its gate, a
bootstrap capacitor from LX to BST is required
to drive the high-side MOSFET gate. When LX
is driven low (through the low-side MOSFET),
the BST capacitor is internally charged. The
voltage at BST is applied to the high-side
MOSFET gate to turn it on, and maintains that
voltage until the high-side MOSFET is turned
off and the low-side MOSFET is turned on, and
the cycle repeats. Connect a 10nF or greater
capacitor from BST to SW to drive the high-side
MOSFET gate.
APPLICATION INFORMATION
MP2106
LX
VIN
BST
FB
COMP
SS
PGND
SGND
VREF
RUN
OUTPUT
1.8V / 1.5A
INPUT
2.6V to 15V
MP2106_TAC_F02
C5
10nF
C6
10nF
C3
3.3nF
C7
10nF
C4
OPEN
6
7
8
2
9
10
4
3
1
5
Figure 2—Typical Application Circuit
Internal Low-Dropout Regulator
The internal power to the MP2106 is supplied
from the input voltage (VIN) through an internal
2.4V low-dropout linear regulator, whose output
is VREF. Bypass VREF to SGND with a 10nF
or greater capacitor for proper operation. The
internal regulator can not supply more current
than is required to operate the MP2106.
Therefore, do not apply any external load to
VREF.
Soft-Start
The MP2106 includes a soft-start timer that
slowly ramps the output voltage at startup to
prevent excessive current at the input.
When power is applied to the MP2106, and
RUN is asserted, a 2µA internal current source
charges the external capacitor at SS. As the
capacitor charges, the voltage at SS rises. The
MP2106 internally limits the feedback threshold
voltage at FB to that of the voltage at SS. This
forces the output voltage to rise at the same
rate as the voltage at SS, forcing the output



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com