Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2106 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2106
Description  1.5A, 15V, 800KHz Synchronous Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2106 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2106 Datasheet HTML 1Page - Monolithic Power Systems MP2106 Datasheet HTML 2Page - Monolithic Power Systems MP2106 Datasheet HTML 3Page - Monolithic Power Systems MP2106 Datasheet HTML 4Page - Monolithic Power Systems MP2106 Datasheet HTML 5Page - Monolithic Power Systems MP2106 Datasheet HTML 6Page - Monolithic Power Systems MP2106 Datasheet HTML 7Page - Monolithic Power Systems MP2106 Datasheet HTML 8Page - Monolithic Power Systems MP2106 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP2106
1.5A, 15V, 800KHz
Synchronous Buck Converter
MP2106 Rev. 1.6
www.MonolithicPower.com
1
2/22/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
DESCRIPTION
The MP2106 is a 1.5A, 800KHz synchronous
buck converter designed for low voltage
applications requiring high efficiency. It is
capable of providing output voltages as low as
0.9V, and integrates top and bottom switches to
minimize power loss and component count. The
800KHz switching frequency reduces the size
of filtering components, further reducing the
solution size.
The MP2106 includes cycle-by-cycle current
limiting and under voltage lockout. The internal
power switches, combined with the tiny 10-pin
MSOP and QFN packages, provide a solution
requiring a minimum of surface area.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV2106DQ/DK-00A
2.5”X x 2.0”Y x 0.5”Z
FEATURES
• 1.5A Output Current
• Synchronous Rectification
• Internal 210mΩ and 255mΩ Power Switches
• Input Range of 2.6V to 15V
• >90% Efficiency
• Zero Current Shutdown Mode
• Under Voltage Lockout Protection
• Soft-Start Operation
• Thermal Shutdown
• Internal Current Limit (Source & Sink)
• Tiny 10-Pin MSOP or QFN Package
APPLICATIONS
• DC/DC Regulation from Wall Adapters
• Portable Entertainment Systems
• Set Top Boxes
• Digital Video Cameras, DECT
• Networking Equipment
• Wireless Modems
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP2106
LX
VIN
BST
FB
6
7
8
2
9
10
4
3
1
5
COMP
SS
PGND
SGND
VREF
RUN
OUTPUT
1.8V / 1.5A
INPUT
2.6V to 15V
MP2106_TAC_S01
OFF ON
10nF
10nF
C7
C1
C2
C5
C3
C6
3.3nF
10nF
R4
R3
R2
L1
R1
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
LOAD CURRENT (A)
MP2106_TAC_EC02
Efficiency vs.
Load Current
VIN=5V
VIN=3.3V


Similar Part No. - MP2106

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
MP2106-0M0 LSTD-MP2106-0M0 Datasheet
1Mb / 38P
Ferrite EMI Cable Cores
2017
logo
Monolithic Power System...
MP2106DK MPS-MP2106DK Datasheet
212Kb / 4P
2.6V to 15V IN, 1.5A OUT Synchronous Buck Converter Evaluation Board
MP2106DQ MPS-MP2106DQ Datasheet
212Kb / 4P
2.6V to 15V IN, 1.5A OUT Synchronous Buck Converter Evaluation Board
More results

Similar Description - MP2106

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2106DQ-00A MPS-EV2106DQ-00A Datasheet
212Kb / 4P
2.6V to 15V IN, 1.5A OUT Synchronous Buck Converter Evaluation Board
logo
Richtek Technology Corp...
RT7251A RICHTEK-RT7251A Datasheet
241Kb / 14P
1.5A, 17V, 340/800kHz Synchronous Step-Down Converter
logo
Linear Technology
LTC3111 LINER-LTC3111_15 Datasheet
508Kb / 32P
15V, 1.5A Synchronous Buck-Boost DC/DC Converter
LTC3111EDHD LINER-LTC3111EDHD Datasheet
532Kb / 6P
15V, 1.5A Synchronous Buck-Boost DC/DC Converter
logo
ACE Technology Co., LTD...
ACE7215C ACE-ACE7215C Datasheet
1,013Kb / 10P
1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8027 BELLING-BL8027 Datasheet
722Kb / 5P
1.5A 1.5MHz Synchronous Buck Converter
logo
Linear Technology
LTC3111 LINER-LTC3111 Datasheet
508Kb / 32P
15V, 1.5A Synchronous Buck-Boost DC/DC Converter
logo
ACE Technology Co., LTD...
ACE7215A ACE-ACE7215A Datasheet
405Kb / 9P
1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
logo
Major-Power Technology ...
MA5001 MPOWER-MA5001 Datasheet
544Kb / 12P
1.5A 1.5MHz Synchronous Buck Converter
MA6001 MPOWER-MA6001 Datasheet
357Kb / 10P
Dual 1.5A 1.5MHz Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com