Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9431 Datasheet (PDF) - EPCOS

B9431 Datasheet PDF - EPCOS
Part # B9431
Download  B9431 Download
File Size   101.53 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Tx Filter 897.5 MHz

B9431 Datasheet (PDF)

Go To PDF Page Download Datasheet
B9431 Datasheet PDF - EPCOS

Part # B9431
Download  B9431 Click to download

File Size   101.53 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Tx Filter 897.5 MHz

B9431 Datasheet (HTML) - EPCOS


B9431 Product details

Features
■ Package size 1.4 x 1.1 x 0.4 mm3
■ Package code QCS5I
■ RoHS compatible
■ Approx. weight 0.003g
■ Package for Surface Mount Technology (SMT)
■ Ni, gold-plated terminals
■ Electrostatic Sensitive Device (ESD)

Application
■ Low loss RF filter for mobile telephone GSM900 systems, transmit path (Tx)
■ Low insertion attenuation
■ Low amplitude ripple
■ Usable passband 35.0 MHz
■ Unbalanced to unbalanced operation
■ No matching network required for operation at 50 Ω




Similar Part No. - B9431

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9430 EPCOS-B9430 Datasheet
65Kb / 9P
SAW RF filter WLAN
B9432 EPCOS-B9432 Datasheet
78Kb / 8P
SAW Rx filter GSM850 / WCDMA band V
B9433 EPCOS-B9433 Datasheet
79Kb / 8P
SAW Rx filter WCDMA band I
logo
SHENZHEN DOINGTER SEMIC...
B9435 DOINGTER-B9435 Datasheet
1Mb / 4P
P-Channel MOSFET uses advanced trench technology
logo
EPCOS
B9438 EPCOS-B9438 Datasheet
96Kb / 9P
SAW TX Filter Cellular / WCDMA Band V
More results


Similar Description - B9431

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856113 TRIQUINT-856113 Datasheet
431Kb / 5P
897.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0494A TAI-SAW-TA0494A Datasheet
409Kb / 6P
SAW Filter 897.5 MHz SMD 3X3 mm
TA1003A TAI-SAW-TA1003A Datasheet
518Kb / 6P
SAW Filter 897.5 MHz
logo
TriQuint Semiconductor
856824 TRIQUINT-856824 Datasheet
511Kb / 5P
897.5 MHz SAW Filter
logo
Spectrum Microwave, Inc...
SF0898BA02546S SPECTRUM-SF0898BA02546S Datasheet
298Kb / 4P
897.5 MHz SAW Filter 40 MHz Bandwidth
logo
API Technologies Corp
SF0898BA02546S APITECH-SF0898BA02546S Datasheet
298Kb / 4P
897.5 MHz SAW Filter 40 MHz Bandwidth
logo
TriQuint Semiconductor
856657 TRIQUINT-856657_15 Datasheet
396Kb / 5P
897.5 MHz SAW Filter
856671 TRIQUINT-856671_15 Datasheet
392Kb / 6P
897.5 MHz SAW Filter
856824 TRIQUINT-856824_15 Datasheet
533Kb / 5P
897.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1814B TAI-SAW-TA1814B Datasheet
705Kb / 8P
SAW Filter 897.5 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com