Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9432 Datasheet (PDF) - EPCOS

B9432 Datasheet PDF - EPCOS
Part # B9432
Download  B9432 Download
File Size   78.2 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Rx filter GSM850 / WCDMA band V

B9432 Datasheet (PDF)

Go To PDF Page Download Datasheet
B9432 Datasheet PDF - EPCOS

Part # B9432
Download  B9432 Click to download

File Size   78.2 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Rx filter GSM850 / WCDMA band V

B9432 Datasheet (HTML) - EPCOS


B9432 Product details

Features
■ Package size 1.4 x1.1 x 0.4 mm3
■ Package code QCS5I
■ RoHS compatible
■ Approximate weight 0.003 g
■ Package for Surface Mount Technology (SMT)
■ Ni, gold-plated terminals
■ Electrostatic Sensitive Device (ESD)

Application
■ Low-loss RF filter for mobile telephone GSM850/WCDMA Band V systems, receive path (RX)
■ Useable passband 25 MHz
■ Unbalanced to balanced operation
■ Impedance transformation from 50 Ω to 100 Ω
■ Suitable to GPRS class 1 to 12




Similar Part No. - B9432

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9430 EPCOS-B9430 Datasheet
65Kb / 9P
SAW RF filter WLAN
B9431 EPCOS-B9431 Datasheet
101Kb / 8P
SAW Tx Filter 897.5 MHz
B9433 EPCOS-B9433 Datasheet
79Kb / 8P
SAW Rx filter WCDMA band I
logo
SHENZHEN DOINGTER SEMIC...
B9435 DOINGTER-B9435 Datasheet
1Mb / 4P
P-Channel MOSFET uses advanced trench technology
logo
EPCOS
B9438 EPCOS-B9438 Datasheet
96Kb / 9P
SAW TX Filter Cellular / WCDMA Band V
More results


Similar Description - B9432

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9433 EPCOS-B9433 Datasheet
79Kb / 8P
SAW Rx filter WCDMA band I
B5064 EPCOS-B5064 Datasheet
231Kb / 12P
SAW Rx filter WCDMA Band I
B9449 EPCOS-B9449 Datasheet
87Kb / 8P
SAW RX filter WCDMA band VIII
B9451 EPCOS-B9451 Datasheet
90Kb / 8P
SAW Rx Filter WCDMA Band I / Band IV / Band X
B9456 EPCOS-B9456 Datasheet
101Kb / 8P
SAW RX filter GSM850 / WCDMA band V / Cellular
B9461 EPCOS-B9461 Datasheet
110Kb / 9P
SAW RX filter WCDMA band VIII / GSM 900
B9469 EPCOS-B9469 Datasheet
120Kb / 8P
SAW Diversity Rx filter WCDMA Band I/IV
B9470 EPCOS-B9470 Datasheet
127Kb / 8P
SAW Diversity Rx filter WCDMA Band II
B9478 EPCOS-B9478 Datasheet
99Kb / 8P
SAW Rx Filter WCDMA Band VII
logo
Murata Manufacturing Co...
SAFFB881MAN0F0A MURATA1-SAFFB881MAN0F0A Datasheet
326Kb / 8P
SAW FILTER FOR GSM850/BAND5 Rx
Apr. 17 ,2019
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com