Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9433 Datasheet (PDF) - EPCOS

B9433 Datasheet PDF - EPCOS
Part # B9433
Download  B9433 Download
File Size   79.64 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Rx filter WCDMA band I

B9433 Datasheet (PDF)

Go To PDF Page Download Datasheet
B9433 Datasheet PDF - EPCOS

Part # B9433
Download  B9433 Click to download

File Size   79.64 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Rx filter WCDMA band I

B9433 Datasheet (HTML) - EPCOS


B9433 Product details

Features
■ Package size 1.4 x1.1 x 0.4 mm3
■ Package code QCS5I
■ RoHS compatible
■ Approximate weight 0.003 g
■ Package for Surface Mount Technology (SMT)
■ Ni, gold-plated terminals
■ Electrostatic Sensitive Device (ESD)

Application
■ Low-loss RF filter for mobile telephone WCDMA Band 1 systems, receive path (RX)
■ Unbalanced to unbalanced operation
■ Low insertion attenuation
■ Low amplitude ripple
■ High selectivity up to 6 GHz
■ Usable passband 60 MHz




Similar Part No. - B9433

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9430 EPCOS-B9430 Datasheet
65Kb / 9P
SAW RF filter WLAN
B9431 EPCOS-B9431 Datasheet
101Kb / 8P
SAW Tx Filter 897.5 MHz
B9432 EPCOS-B9432 Datasheet
78Kb / 8P
SAW Rx filter GSM850 / WCDMA band V
logo
SHENZHEN DOINGTER SEMIC...
B9435 DOINGTER-B9435 Datasheet
1Mb / 4P
P-Channel MOSFET uses advanced trench technology
logo
EPCOS
B9438 EPCOS-B9438 Datasheet
96Kb / 9P
SAW TX Filter Cellular / WCDMA Band V
More results


Similar Description - B9433

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5064 EPCOS-B5064 Datasheet
231Kb / 12P
SAW Rx filter WCDMA Band I
B5127 EPCOS-B5127 Datasheet
131Kb / 8P
SAW filter WCDMA Band I
B9414 EPCOS-B9414_08 Datasheet
78Kb / 8P
SAW Tx Filter WCDMA Band I
B9432 EPCOS-B9432 Datasheet
78Kb / 8P
SAW Rx filter GSM850 / WCDMA band V
B9449 EPCOS-B9449 Datasheet
87Kb / 8P
SAW RX filter WCDMA band VIII
B9451 EPCOS-B9451 Datasheet
90Kb / 8P
SAW Rx Filter WCDMA Band I / Band IV / Band X
B9461 EPCOS-B9461 Datasheet
110Kb / 9P
SAW RX filter WCDMA band VIII / GSM 900
B9469 EPCOS-B9469 Datasheet
120Kb / 8P
SAW Diversity Rx filter WCDMA Band I/IV
B9470 EPCOS-B9470 Datasheet
127Kb / 8P
SAW Diversity Rx filter WCDMA Band II
B9478 EPCOS-B9478 Datasheet
99Kb / 8P
SAW Rx Filter WCDMA Band VII
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com