Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9438 Datasheet (PDF) - EPCOS

B9438 Datasheet PDF - EPCOS
Part # B9438
Download  B9438 Download
File Size   96.35 Kbytes
Page   9 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW TX Filter Cellular / WCDMA Band V

B9438 Datasheet (PDF)

Go To PDF Page Download Datasheet
B9438 Datasheet PDF - EPCOS

Part # B9438
Download  B9438 Click to download

File Size   96.35 Kbytes
Page   9 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW TX Filter Cellular / WCDMA Band V

B9438 Datasheet (HTML) - EPCOS


B9438 Product details

Features
■ Package size 1.4 x1.1 x 0.4 mm3
■ Package code QCS5I
■ RoHS compatible
■ Approximate weight 0.003 g
■ Package for Surface Mount Technology (SMT)
■ Ni, gold-plated terminals
■ Electrostatic Sensitive Device (ESD)

Application
■ Low-loss RF filter for mobile telephone Cellular and WCDMA systems, transmit path (TX)
■ Impedance transformation from 100 Ω to 50 Ω
■ Balanced to unbalanced operation
■ Very low insertion attenuation
■ Usable passband 25 MHz




Similar Part No. - B9438

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9430 EPCOS-B9430 Datasheet
65Kb / 9P
SAW RF filter WLAN
B9431 EPCOS-B9431 Datasheet
101Kb / 8P
SAW Tx Filter 897.5 MHz
B9432 EPCOS-B9432 Datasheet
78Kb / 8P
SAW Rx filter GSM850 / WCDMA band V
B9433 EPCOS-B9433 Datasheet
79Kb / 8P
SAW Rx filter WCDMA band I
logo
SHENZHEN DOINGTER SEMIC...
B9435 DOINGTER-B9435 Datasheet
1Mb / 4P
P-Channel MOSFET uses advanced trench technology
More results


Similar Description - B9438

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9428 EPCOS-B9428 Datasheet
81Kb / 9P
SAW Tx filter WCDMA Band II (PCS-Band)
B7669 EPCOS-B7669 Datasheet
182Kb / 13P
SAW Duplexer Cellular / WCDMA band V
B7670 EPCOS-B7670 Datasheet
182Kb / 13P
SAW Duplexer Cellular / WCDMA band V
B7671 EPCOS-B7671 Datasheet
111Kb / 13P
SAW Duplexer Cellular / WCDMA band V
B7923 EPCOS-B7923 Datasheet
347Kb / 16P
SAW Duplexer Cellular / WCDMA Band V
B8553 EPCOS-B8553 Datasheet
226Kb / 16P
SAW Duplexer Cellular / WCDMA Band V
B9414 EPCOS-B9414_08 Datasheet
78Kb / 8P
SAW Tx Filter WCDMA Band I
B9452 EPCOS-B9452 Datasheet
91Kb / 8P
SAW Tx filter WCDMA band IV Tx
B9456 EPCOS-B9456 Datasheet
101Kb / 8P
SAW RX filter GSM850 / WCDMA band V / Cellular
B9459 EPCOS-B9459 Datasheet
110Kb / 9P
SAW TX Filter PCS / WCDMA Band II
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com