Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B9430 Datasheet (PDF) - EPCOS

B9430 Datasheet PDF - EPCOS
Part # B9430
Download  B9430 Download
File Size   65.08 Kbytes
Page   9 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW RF filter WLAN

B9430 Datasheet (PDF)

Go To PDF Page Download Datasheet
B9430 Datasheet PDF - EPCOS

Part # B9430
Download  B9430 Click to download

File Size   65.08 Kbytes
Page   9 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW RF filter WLAN

B9430 Datasheet (HTML) - EPCOS


B9430 Product details

Features
■ Package size 1.4 x1.1 x 0.4 mm3
■ Package code QCS5I
■ RoHS compatible
■ Approximate weight 0.003 g
■ Package for Surface Mount Technology (SMT)
■ Ni, gold-plated terminals
■ Electrostatic Sensitive Device (ESD)

Application
■ Low-loss RF filter for WLAN
■ Unbalanced to unbalanced operation
■ Low insertion attenuation
■ Usable passband 100 MHz




Similar Part No. - B9430

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9431 EPCOS-B9431 Datasheet
101Kb / 8P
SAW Tx Filter 897.5 MHz
B9432 EPCOS-B9432 Datasheet
78Kb / 8P
SAW Rx filter GSM850 / WCDMA band V
B9433 EPCOS-B9433 Datasheet
79Kb / 8P
SAW Rx filter WCDMA band I
logo
SHENZHEN DOINGTER SEMIC...
B9435 DOINGTER-B9435 Datasheet
1Mb / 4P
P-Channel MOSFET uses advanced trench technology
logo
EPCOS
B9438 EPCOS-B9438 Datasheet
96Kb / 9P
SAW TX Filter Cellular / WCDMA Band V
More results


Similar Description - B9430

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB374GD TAI-SAW-TB374GD Datasheet
261Kb / 6P
SAW Filter 374MHz WLAN
logo
Golledge Electronics Lt...
MA04268 GOLLEDGE-MA04268 Datasheet
164Kb / 5P
374MHz SAW Filter for WLAN
logo
TAI-SAW TECHNOLOGY CO.,...
TB280GD TAI-SAW-TB280GD Datasheet
236Kb / 5P
SAW Filter 280MHz WLAN
logo
Transko Electronics, In...
TA2450AQ2 TRANSKO-TA2450AQ2 Datasheet
514Kb / 4P
WLAN, RF SAW Filter
Revision 0: October 2011
TA2450DQ1 TRANSKO-TA2450DQ1 Datasheet
318Kb / 2P
WLAN, RF SAW Filter
Revision 0: January 2012
TA2450DQ5 TRANSKO-TA2450DQ5 Datasheet
560Kb / 4P
WLAN, RF SAW Filter
Revision 0: October 2012
TA2450DA2 TRANSKO-TA2450DA2 Datasheet
548Kb / 4P
WLAN, RF SAW Filter
Revision 0: August 2012
TF-245001-C23 TRANSKO-TF-245001-C23 Datasheet
542Kb / 4P
WLAN, RF SAW Filter
Revision 0: June 2013
TF-245002-C23 TRANSKO-TF-245002-C23 Datasheet
459Kb / 4P
WLAN, RF SAW Filter
Revision 0: February 2014
TF-245003-C23 TRANSKO-TF-245003-C23 Datasheet
509Kb / 4P
WLAN, RF SAW Filter
Revision 1: October 2014
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com