Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZF2002 Datasheet (PDF) - NXP Semiconductors

SZF2002 Datasheet PDF - NXP Semiconductors
Part # SZF2002
Download  SZF2002 Download
File Size   431.53 Kbytes
Page   76 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low voltage 8-bit microcontroller with 6-kbyte embedded RAM

SZF2002 Datasheet (PDF)

Go To PDF Page Download Datasheet
SZF2002 Datasheet PDF - NXP Semiconductors

Part # SZF2002
Download  SZF2002 Click to download

File Size   431.53 Kbytes
Page   76 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low voltage 8-bit microcontroller with 6-kbyte embedded RAM

SZF2002 Datasheet (HTML) - NXP Semiconductors


SZF2002 Product details

GENERAL DESCRIPTION
The SZF2002 low power system controller is manufactured in an advanced 0.5 µm CMOS technology. The instruction set of the SZF2002 is based on that of the 80C51 and consists of over 100 instructions: 49 one-byte, 46 two-byte, and 16 three-byte. The device has low power consumption and two software selectable modes for power reduction: Idle and Power-down.

FEATURES
• Fully static 80C51 Central Processing Unit (CPU)
• 8-bit CPU, ROM, RAM and I/O in a 80 lead LQFP package
• 6-kbytes ROM program memory, expandable externally to 256 kbytes
• 6144 + 256 bytes low power RAM data memory, expandable externally to 32 kbytes
• Internal AUX RAM can be used for program execution (only in combination with internal ROM)
• Three 8-bit ports; 24 I/O lines
• Three 16-bit timer/event counters
• Flash Memory Interface optimized, with power saving and programming options
• Internal demultiplexing and latching of address/data bus to reduce system component count
• Interfaces to up to 256-kbyte Flash Memory (banked)
• Fifteen source, fifteen vector nested interrupt structure with two priority levels
• Full duplex serial port (UART)
• I2C-bus interface for serial transfer on two lines
• Analog-to-Digital Converter (ADC) with Power-down mode; 6 input channels and 8-bit ADC
• Pulse Width Modulated (PWM) output (8-bit resolution)
• Watchdog Timer
• Enhanced architecture with:
    – Non-page oriented instructions
    – Direct addressing
    – Four 8-byte RAM register banks
    – Stack depth limited only by available internal RAM (maximum 256 bytes)
    – Multiply, divide, subtract and compare instructions
• Modes of reduced activity: Power-down and Idle modes
• Wake-up via external interrupts at INT0 to INT8
• Frequency range: up to 16 MHz (only limited by external memory and ADC performance)
• Supply voltage: 3.0 V
• Very low power consumption: operational 0.65 mW/MHz; Idle 0.25 mW/MHz at 3.0 V
• Operating temperature: −40 to +85 °C.

APPLICATIONS
    The SZF2002 is an 8-bit general purpose microcontroller especially suited for wireless telephone and battery powered applications. The SZF2002 also functions as an arithmetic processor having facilities for both binary and BCD arithmetic plus bit-handling capabilities.




Similar Part No. - SZF2002

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SZF-0-0 PHOENIX-SZF-0-0 Datasheet
64Kb / 3P
In addition to its standard application, this screwdriver is also ideal for actuating ST ... and QTC ... modular terminal blocks
logo
List of Unclassifed Man...
SZF-01T-P0.7 ETC1-SZF-01T-P0.7 Datasheet
137Kb / 5P
Disconnectable Crimp style Wire-to-wire connectors
logo
PHOENIX CONTACT
SZF-1-0 PHOENIX-SZF-1-0 Datasheet
64Kb / 3P
In addition to its standard application, this screwdriver is also ideal for actuating ST ... and QTC ... modular terminal blocks
SZF-2-0 PHOENIX-SZF-2-0 Datasheet
93Kb / 3P
The illustration shows version SZF 1 -0,6 x 3,5
SZF-3-1 PHOENIX-SZF-3-1 Datasheet
55Kb / 4P
In addition to its standard application, this screwdriver is also ideal for actuating ST ... and QTC ... modular terminal blocks
More results


Similar Description - SZF2002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87CL881H PHILIPS-P87CL881H Datasheet
139Kb / 32P
Low-voltage microcontroller with 63-kbyte OTP program memory and 2-kbyte RAM
1999 Apr 16
logo
SyncMOS Technologies,In...
SM5964 SYNCMOS-SM5964 Datasheet
539Kb / 28P
8 - bit single chip microcontroller with 64KB flash & 1K byte RAM embedded
logo
ATMEL Corporation
AT89LP2052 ATMEL-AT89LP2052 Datasheet
1Mb / 89P
8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP2052 ATMEL-AT89LP2052_06 Datasheet
1Mb / 90P
8-bit Microcontroller with 2/4-Kbyte Flash
logo
STMicroelectronics
ST10F271B STMICROELECTRONICS-ST10F271B Datasheet
1Mb / 180P
16-bit MCU with 128 Kbyte Flash memory and 8/12 Kbyte RAM
12-Jul-2006
logo
Advanced Micro Devices
AM486DE2 AMD-AM486DE2 Datasheet
1Mb / 52P
8-Kbyte Write-Through Embedded Microprocessor
logo
ATMEL Corporation
AT89LP2052 ATMEL-AT89LP2052_08 Datasheet
1Mb / 93P
8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP2052 ATMEL-AT89LP2052_09 Datasheet
1Mb / 94P
8-bit Microcontroller with 2/4-Kbyte Flash
logo
Sitronix Technology Co....
ST2203U SITRONIX-ST2203U Datasheet
114Kb / 5P
8-Bit Microcontroller With 2K Bytes RAM
logo
ATMEL Corporation
AT89S8253 ATMEL-AT89S8253_10 Datasheet
1Mb / 60P
8-bit Microcontroller with 12 Kbyte Flash
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com