Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZF2002 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 4Page - NXP Semiconductors SZF2002 Datasheet HTML 5Page - NXP Semiconductors SZF2002 Datasheet HTML 6Page - NXP Semiconductors SZF2002 Datasheet HTML 7Page - NXP Semiconductors SZF2002 Datasheet HTML 8Page - NXP Semiconductors SZF2002 Datasheet HTML 9Page - NXP Semiconductors SZF2002 Datasheet HTML 10Page - NXP Semiconductors SZF2002 Datasheet HTML 11Page - NXP Semiconductors SZF2002 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
1998 Aug 26
8
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
I/O Ports
P1.0/INT2/T2
29
Port 1 (P1.0 to P1.7). 8-bit bidirectional I/O port with internal pull-ups; INT2 to INT8:
external interrupt inputs; T2: Timer T2 I/O; T2EX: Timer 2 external input; SCL:
I2C-bus interface clock; SDA: I2C-bus interface data.
Port 1 pins that have logic 1s written to them are pulled HIGH by the internal pull-ups,
and in that state can be used as inputs (note P1.6 and P1.7 are open-drain only).
As inputs, Port 1 pins that are externally pulled LOW will source current
(IIL, see Chapter 25) due to the internal pull-ups.
P1.1/INT3/T2EX
28
P1.2/INT4
27
P1.3/INT5
26
P1.4/INT6
25
P1.5/INT7
24
P1.6/INT8/SCL
23
P1.7/SDA
22
P3.0/RXD
19
Port 3 (P3.0 to P3.7). 8-bit bidirectional I/O port with internal pull-ups; RXD: serial
port receiver data input (asynchronous); TXD: serial port transmitter data output
(asynchronous); INT0: external interrupt 0; INT1: external interrupt 1;
T0: Timer 0 external input; T1: Timer 1 external input.
Port 3 pins that have logic 1s written to them are pulled HIGH by the internal pull-ups,
and in that state can be used as inputs. As inputs, Port 3 pins that are externally pulled
LOW will source current (IIL, see Chapter 25) due to the internal pull-ups.
P3.1/TXD
18
P3.2/INT0
17
P3.3/INT1
16
P3.4/T0
15
P3.5/T1
14
P3.6
13
P3.7
12
P4.0/RAMCE
49
Port 4 (P4.0 to P4.7). 8-bit bidirectional I/O port; RAMCE chip enable for external
RAM.
Port 4 pins that have logic 1s written to them are pulled HIGH by the internal pull-ups,
and in that state can be used as inputs. As inputs, Port 4 pins that are externally pulled
LOW will source current (IIL, see Chapter 25) due to the internal pull-ups.
P4.1
48
P4.2
47
P4.3
46
P4.4
45
P4.5
44
P4.6
43
P4.7
42
ADC interface
ADC0
37
Input channels to the ADC.
ADC1
36
ADC2
35
ADC3
34
ADC4
33
ADC5
32
SYMBOL
PIN
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com