Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZF2002 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 24Page - NXP Semiconductors SZF2002 Datasheet HTML 25Page - NXP Semiconductors SZF2002 Datasheet HTML 26Page - NXP Semiconductors SZF2002 Datasheet HTML 27Page - NXP Semiconductors SZF2002 Datasheet HTML 28Page - NXP Semiconductors SZF2002 Datasheet HTML 29Page - NXP Semiconductors SZF2002 Datasheet HTML 30Page - NXP Semiconductors SZF2002 Datasheet HTML 31Page - NXP Semiconductors SZF2002 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 76 page
background image
1998 Aug 26
28
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
15.4
Status of external pins
The status of the external pins during Idle and Power-down mode is shown in Table 20.
Table 20 Status of external pins during Idle and Power-down modes
15.5
Power Control Register (PCON)
Idle and Power-down modes are activated by software using this SFR. PCON is not bit addressed, the reset value of
PCON is 00000000B.
Table 21 Power Control Register (SFR address 87H)
Table 22 Description of PCON bits
MODE
MEMORY
CE
OE
PWM
PORTS 1, 3
AND 4
DATA BUS
Idle
internal
1
1
active
port data
Port 0 data
external
1
1
active
port data
floating
Power-down
internal
1
1
halted in last state
port data
Port 0 data
external
1
1
halted in last state
port data
floating
76543210
SMOD
ARD
RFI
WLE
GF1
GF0
PD
IDL
BIT
SYMBOL
DESCRIPTION
7
SMOD
Double Baud rate. When set to a logic 1 the baud rate is doubled when the serial port
SIO0 is being used in modes 1, 2 or 3 (except when Timer 2 is used).
6
ARD
Setting this bit will force all MOVX instructions to access off-chip memory instead of
AUX RAM.
5
RFI
RFI reduction mode. Setting this bit will disable the ALE toggling during on-chip
memory access. The SZF2002 does not have this signal during operational mode, but
setting this bit will reduce the number of chip selects (CE) of the external memory (and
thus power).
4
WLE
Watchdog Load Enable. This flag must be set by software prior to loading the
Watchdog Timer (T3). It is cleared when T3 is loaded.
3
GF1
General purpose flag 1.
2
GF0
General purpose flag 0.
1PD
Power-down mode selection. Setting this bit activates the Power-down mode. If a
logic 1 is written to both PD and IDL at the same time, PD takes precedence.
0
IDL
Idle mode selection. Setting this bit activates the Idle mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com