Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZF2002 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 56Page - NXP Semiconductors SZF2002 Datasheet HTML 57Page - NXP Semiconductors SZF2002 Datasheet HTML 58Page - NXP Semiconductors SZF2002 Datasheet HTML 59Page - NXP Semiconductors SZF2002 Datasheet HTML 60Page - NXP Semiconductors SZF2002 Datasheet HTML 61Page - NXP Semiconductors SZF2002 Datasheet HTML 62Page - NXP Semiconductors SZF2002 Datasheet HTML 63Page - NXP Semiconductors SZF2002 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 76 page
background image
1998 Aug 26
60
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
Table 53 Instruction set description: Boolean variable manipulation and Program and machine control
MNEMONIC
DESCRIPTION
BYTES
CYCLES
OPCODE
(HEX)
Boolean variable manipulation
CLR
C
clear carry flag
1
1
C3
CLR
bit
clear direct bit
2
1
C2
SETB
C
set carry flag
1
1
D3
SETB
bit
set direct bit
2
1
D2
CPL
C
complement carry flag
1
1
B3
CPL
bit
complement direct bit
2
1
B2
ANL
C,bit
AND direct bit to carry flag
2
2
82
ANL
C,/bit
AND complement of direct bit to carry flag
2
2
B0
ORL
C,bit
OR direct bit to carry flag
2
2
72
ORL
C,/bit
OR complement of direct bit to carry flag
2
2
A0
MOV
C,bit
move direct bit to carry flag
2
1
A2
MOV
bit,C
move carry flag to direct bit
2
2
92
Program and machine control
ACALL
addr11
absolute subroutine call
2
2
•1
LCALL
addr16
long subroutine call
3
2
12
RET
return from subroutine
1
2
22
RETI
return from interrupt
1
2
32
AJMP
addr11
absolute jump
2
2
♦1
LJMP
addr16
long jump
3
2
02
SJMP
rel
short jump (relative address)
2
2
80
JMP
@A+DPTR
jump indirect relative to the DPTR
1
2
73
JZ
rel
jump if A is zero
2
2
60
JNZ
rel
jump if A is not zero
2
2
70
JC
rel
jump if carry flag is set
2
2
40
JNC
rel
jump if carry flag is not set
2
2
50
JB
bit,rel
jump if direct bit is set
3
2
20
JNB
bit,rel
jump if direct bit is not set
3
2
30
JBC
bit,rel
jump if direct bit is set and clear bit
3
2
10
CJNE
A,direct,rel
compare direct to A and jump if not equal
3
2
B5
CJNE
A,#data,rel
compare immediate to A and jump if not equal
3
2
B4
CJNE
Rr,#data,rel
compare immediate to register and jump if not equal
3
2
B*
CJNE
@Ri,#data,rel compare immediate to indirect and jump if not equal
3
2
B6 and B7
DJNZ
Rr,rel
decrement register and jump if not zero
2
2
D*
DJNZ
direct,rel
decrement direct and jump if not zero
3
2
D5
NOP
no operation
1
1
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com