Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZF2002 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 22Page - NXP Semiconductors SZF2002 Datasheet HTML 23Page - NXP Semiconductors SZF2002 Datasheet HTML 24Page - NXP Semiconductors SZF2002 Datasheet HTML 25Page - NXP Semiconductors SZF2002 Datasheet HTML 26Page - NXP Semiconductors SZF2002 Datasheet HTML 27Page - NXP Semiconductors SZF2002 Datasheet HTML 28Page - NXP Semiconductors SZF2002 Datasheet HTML 29Page - NXP Semiconductors SZF2002 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 76 page
background image
1998 Aug 26
26
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
14.1
ADC Control Register (ADCON)
Table 15 ADC Control Register (SFR address C4H)
Table 16 Description of ADCON bits
Table 17 Selection of analog input channel
14.2
ADC Result Register (ADCH)
Table 18 ADC Result Register (SFR address C5H)
Table 19 Description of ADCH bits
76543210
−−
CKDIV
ADCI
ADCS
AADR2
AADR1
AADR0
BIT
SYMBOL
DESCRIPTION
7
−
These 2 bits are reserved.
6
−
5
CKDIV
Prescaler select. When CKDIV = 1, the ADC clock prescaler is used (divide-by-2).
Prescaling is necessary with clocks over 8 MHz.
4
ADCI
ADC interrupt flag. This flag is set when an ADC conversion result is ready to be read.
An interrupt is invoked if this is enabled (EAD). This flag must be cleared by software,
(it cannot be set by software).
3
ADCS
ADC start and status flag. When this bit is set an ADC conversion is started. ADCS
must be set by software. The ADC logic ensures that this signal is HIGH while the ADC
is busy. On completion of the conversion ADCI is set and one clock later the ADCS flag
is reset. ADCS cannot be reset by software.
2
AADR2
Analog input select. These bits are used to select one of the six analog inputs;
see Table 17.
1
AADR1
0
AADR0
AADR2
AADR1
AADR0
SELECTED CHANNEL
0
0
0
ADC0
0
0
1
ADC1
0
1
0
ADC2
0
1
1
ADC3
1
0
0
ADC4
1
0
1
ADC5
1
1
0
reserved
1
1
1
reserved
76543210
ADC7
ADC6
ADC5
ADC4
ADC3
ADC2
ADC1
ADC0
BIT
SYMBOL
DESCRIPTION
7 to 0
ADC7 to ADC0
8-bit ADC result



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com