Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZF2002 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 48Page - NXP Semiconductors SZF2002 Datasheet HTML 49Page - NXP Semiconductors SZF2002 Datasheet HTML 50Page - NXP Semiconductors SZF2002 Datasheet HTML 51Page - NXP Semiconductors SZF2002 Datasheet HTML 52Page - NXP Semiconductors SZF2002 Datasheet HTML 53Page - NXP Semiconductors SZF2002 Datasheet HTML 54Page - NXP Semiconductors SZF2002 Datasheet HTML 55Page - NXP Semiconductors SZF2002 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 76 page
background image
1998 Aug 26
52
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
19 CLOCK CIRCUITRY
The SZF2002 is clocked with an external digital clock.
The input must be driven with a digital square wave.
Note that the duty cycle influences the timing to the
external components, since both the positive and negative
clock edges are used.
20 RESET
To initialize the SZF2002 a reset is performed by either of
two methods:
• Applying an external signal to the RST pin
• Watchdog Timer overflow.
20.1
External reset using the RST pin
The reset input for the SZF2002 is RST. A reset is
accomplished by holding the RST pin HIGH for at least two
machine cycles (12 clock periods) while the clock is
running. The CPU responds by executing an internal reset.
Port pins adopt their reset state immediately after the RST
goes HIGH. During reset, WE and OE, and CE are held
HIGH.
The external reset is asynchronous to the internal clock.
The RST pin is sampled during state 5, phase 2 of every
machine cycle. After a HIGH is detected at the RST pin, an
internal reset is repeated until RST goes LOW. The reset
circuitry is also affected by the Watchdog Timer as
described in Section 12.5. The internal RAM is not
affected by reset. When VDD is turned on, the RAM
contents are indeterminate.
20.2
Power-on-reset
The device contains on-chip circuitry which switches the
port pins to HIGH as soon as RST goes HIGH. The user
must ensure that the RST pin is held HIGH until the
external clock has stabilised. When RST goes LOW a
further 3 cycles elapse before execution starts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com