Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZF2002 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 23Page - NXP Semiconductors SZF2002 Datasheet HTML 24Page - NXP Semiconductors SZF2002 Datasheet HTML 25Page - NXP Semiconductors SZF2002 Datasheet HTML 26Page - NXP Semiconductors SZF2002 Datasheet HTML 27Page - NXP Semiconductors SZF2002 Datasheet HTML 28Page - NXP Semiconductors SZF2002 Datasheet HTML 29Page - NXP Semiconductors SZF2002 Datasheet HTML 30Page - NXP Semiconductors SZF2002 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 76 page
background image
1998 Aug 26
27
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
15 REDUCED POWER MODES
There are two software selectable modes of reduced
activity for further power reduction: Idle and Power-down.
15.1
Idle mode
Idle mode operation permits the interrupt, serial ports,
timer blocks, PWM and ADC to continue to function while
the clock to the CPU is halted.
The following functions remain active during the Idle
mode:
• Timer 0, Timer 1, Timer 2 and Timer 3
(Watchdog Timer)
• UART, I2C-bus interface
• Internal interrupt
• External interrupt
• PWM
• ADC.
These functions may generate an interrupt or reset; thus
ending the Idle mode.
The instruction that sets bit IDL (PCON.0) is the last
instruction executed in the normal operating mode before
the Idle mode is activated. Once in Idle mode, the CPU
status is preserved along with the Stack Pointer, Program
Counter, Program Status Word, SFRs and Accumulator.
The RAM and all other registers maintain their data during
Idle mode. The status of the external pins during Idle mode
is shown in Table 20.
15.1.1
TERMINATION OF THE IDLE MODE USING AN
ENABLED INTERRUPT
Activation of any enabled interrupt will cause IDL
(PCON.0) to be cleared by hardware thus terminating the
Idle mode. The interrupt is serviced, and following the
RETI instruction, the next instruction to be executed will be
the one following the instruction that put the device in the
Idle mode. The flag bits GF0 (PCON.2) and GF1 (PCON.3)
may be used to determine whether the interrupt was
received during normal execution or during the Idle mode.
For example, the instruction that writes to PCON.0 can
also set or clear one or both flag bits. When the Idle mode
is terminated by an interrupt, the service routine can
examine the status of the flag bits.
15.1.2
TERMINATION OF THE IDLE MODE USING AN
EXTERNAL HARDWARE RESET
The second way of terminating the Idle mode is with an
external hardware reset, or an internal reset caused by an
overflow of Timer 3 (Watchdog Timer). Since the clock is
still running, the hardware reset is required to be active for
two machine cycles (12 clock periods) to complete the
reset operation. Reset redefines all SFRs but does not
affect the on-chip RAM.
15.2
Power-down mode
The Power-down operation freezes the SZF2002.
The Power-down mode can only be activated by setting
the PD bit in the PCON register.
The instruction that sets PD (PCON.1) is the last executed
prior to going into the Power-down mode. Once in the
Power-down mode, the internal clock is stopped.
The contents of the on-chip RAM and the SFRs are
preserved. The port pins output the value held by their
respective SFRs. OE is held HIGH, but CE is switched to
HIGH, so the external ROM will not be enabled during
power down, to save system power.
15.3
Wake-up from Power-down mode
Setting the PD flag in the PCON register forces the
controller into the Power-down mode. Setting this flag
enables the controller to be woken-up from the
Power-down mode with either the external interrupts
INT0 to INT8, or a reset operation. The wake-up operation
has two basic approaches as explained in
Section 15.3.1 and 15.3.2.
15.3.1
WAKE-UP USING INT0 TO INT8
If any of the interrupts INT0 to INT8 is enabled, the device
can be woken-up from the Power-down mode with these
external interrupts. The user must ensure that the external
clock is stable before the controller restarts, the internal
clock will remain inactive for 18 clock periods. This is
controlled by an on-chip delay counter.
15.3.2
WAKE-UP USING RST
To wake-up the SZF2002, the RST pin must be kept HIGH
for a minimum of 12 clock cycles. The user must ensure
that the external clock is stable before the controller
restarts (at RST falling edge), the internal clock will remain
inactive for 18 clock periods. This is controlled by an
on-chip delay counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com