Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZF2002 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 31Page - NXP Semiconductors SZF2002 Datasheet HTML 32Page - NXP Semiconductors SZF2002 Datasheet HTML 33Page - NXP Semiconductors SZF2002 Datasheet HTML 34Page - NXP Semiconductors SZF2002 Datasheet HTML 35Page - NXP Semiconductors SZF2002 Datasheet HTML 36Page - NXP Semiconductors SZF2002 Datasheet HTML 37Page - NXP Semiconductors SZF2002 Datasheet HTML 38Page - NXP Semiconductors SZF2002 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 76 page
background image
1998 Aug 26
35
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
17.2
Serial Port Control and Status Register (S0CON)
The Serial Port Control and Status Register is the Special Function Register S0CON. The register contains not only the
mode selection bits, but also the 9th data bit for transmit and receive (TB8 and RB8), and the serial port interrupt bits
(TI and RI).
Table 33 Serial Port Control Register (SFR address 98H)
Table 34 Description of S0CON bits
Table 35 Selection of the serial port modes
76543210
SMO
SM1
SM2
REN
TB8
RB8
TI
RI
BIT
SYMBOL
DESCRIPTION
7
SM0
Mode select. These 2 bits are used to select the serial port mode; see Table 35.
6
SM1
5
SM2
Enables the multiprocessor communication feature in Modes 2 and 3. In these modes, if
SM2 = 1, then RI will not be activated if the received 9th data bit (RB8) is a logic 0.
In Mode 1, if SM2 = 1, then RI will not be activated unless a valid stop bit was received.
In Mode 0, SM2 should be a logic 0.
4
REN
Enable serial reception. REN is set by software to enable reception, and cleared by
software to disable reception.
3
TB8
Is the 9th data bit that will be transmitted in Modes 2 and 3. Set or cleared by software
as desired.
2
RB8
In Modes 2 and 3, is the 9th data bit received. In Mode 1, if SM2 = 0, then RB8 is the
stop bit that was received. In Mode 0, RB8 is not used.
1TI
Transmit interrupt flag. Set by hardware at the end of the 8th bit time in Mode 0, or at
the beginning of the stop bit time in the other modes, in any serial transmission. Must be
cleared by software.
0RI
Receive interrupt flag. Set by hardware at the end of the 8th bit time in Mode 0, or
halfway through the stop bit time in the other modes, in any serial transmission (except
see SM2). Must be cleared by software.
SMO
SM1
MODE
DESCRIPTION
BAUD RATE
0
0
Mode 0
shift register
1
⁄6fclk
0
1
Mode 1
8-bit UART
variable
1
0
Mode 2
9-bit UART
1
⁄16fclk or 1⁄32fclk
1
1
Mode 3
9-bit UART
variable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com