Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZF2002 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 30Page - NXP Semiconductors SZF2002 Datasheet HTML 31Page - NXP Semiconductors SZF2002 Datasheet HTML 32Page - NXP Semiconductors SZF2002 Datasheet HTML 33Page - NXP Semiconductors SZF2002 Datasheet HTML 34Page - NXP Semiconductors SZF2002 Datasheet HTML 35Page - NXP Semiconductors SZF2002 Datasheet HTML 36Page - NXP Semiconductors SZF2002 Datasheet HTML 37Page - NXP Semiconductors SZF2002 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 76 page
background image
1998 Aug 26
34
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
17 STANDARD SERIAL INTERFACE SIO0: UART
This serial port is full duplex which means that it can
transmit and receive simultaneously. It is also
receive-buffered and can commence reception of a
second byte before a previously received byte has been
read from the register. (However, if the first byte has not
been read by the time the reception of the second byte is
complete, one of the bytes will be lost). The serial port
receive and transmit registers are both accessed via the
Special Function Register S0BUF. Writing to S0BUF loads
the transmit register and reading S0BUF accesses a
physically separate receive register.
The serial port can operate in 4 modes:
Mode 0 Serial data enters and exits through RXD. TXD
outputs the shift clock. 8 bits are
transmitted/received (LSB first). The baud rate is
fixed at 1
⁄6fclk. See Figs 17 and 18.
Mode 1 10 bits are transmitted (through TXD) or received
(through RXD): a start bit (logic 0), 8 data bits
(LSB first), and a stop bit (logic 1). On receive,
the stop bit goes into RB8 in the SFR S0CON.
The baud rate is variable. See Figs 19 and 20.
Mode 2 11 bits are transmitted (through TXD) or received
(through RXD): start bit (logic 0), 8 data bits (LSB
first), a programmable 9th data bit, and a stop bit
(logic 1). On transmit, the 9th data bit (TB8 in
S0CON) can be assigned the value of a logic 0 or
logic 1. Or, for example, the parity bit (P, in the
PSW) could be moved into TB8. On receive, the
9th data bit goes into RB8 in S0CON, while the
stop bit is ignored. The baud rate is
programmable to either 1
⁄16 or 1⁄32fclk.
See Figs 21 and 22.
Mode 3 11 bits are transmitted (through TXD) or received
(through RXD): a start bit (logic 0), 8 data bits
(LSB first), a programmable 9th data bit and a
stop bit (logic 1). In fact, Mode 3 is the same as
Mode 2 in all respects except baud rate.
The baud rate in Mode 3 is variable.
See Figs 23 and 24.
In all four modes, transmission is initiated by any
instruction that uses S0BUF as a destination register.
Reception is initiated in Mode 0 by the condition RI = 0 and
REN = 1. Reception is initiated in the other modes by the
incoming start bit if REN = 1.
17.1
Multiprocessor communications
Modes 2 and 3 have a special provision for multiprocessor
communications. In these modes, 9 data bits are received.
The 9th bit goes into RB8. The following bit is the stop bit.
The port can be programmed such that when the stop bit
is received, the serial port interrupt will be activated, but
only if RB8 = 1. This feature is enabled by setting bit SM2
in S0CON. One use of this feature, in multiprocessor
systems, is as follows.
When the master processor wants to transmit a block of
data to one of several slaves, it first sends out an address
byte which identifies the target slave. An address byte
differs from a data byte in that the 9th bit is HIGH in an
address byte and LOW in a data byte. With SM2 = 1, no
slave will be interrupted by a data byte. An address byte,
however, will interrupt all slaves, so that each slave can
examine the received byte and see if it is being addressed.
The addressed slave will clear its SM2 bit and prepare to
receive the data bytes that will be sent. The slaves that
were not being addressed leave their SM2 bits set and go
on about their business, ignoring the coming data bytes.
SM2 has no effect in Mode 0, and in Mode 1 can be used
to check the validity of the stop bit. In a Mode 1 reception,
if SM2 = 1, the receive interrupt will not be activated unless
a valid stop bit is received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com