Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZF2002 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 32Page - NXP Semiconductors SZF2002 Datasheet HTML 33Page - NXP Semiconductors SZF2002 Datasheet HTML 34Page - NXP Semiconductors SZF2002 Datasheet HTML 35Page - NXP Semiconductors SZF2002 Datasheet HTML 36Page - NXP Semiconductors SZF2002 Datasheet HTML 37Page - NXP Semiconductors SZF2002 Datasheet HTML 38Page - NXP Semiconductors SZF2002 Datasheet HTML 39Page - NXP Semiconductors SZF2002 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 76 page
background image
1998 Aug 26
36
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
17.3
Baud rates
The baud rate in Mode 0 is fixed and may be calculated as:
The baud rate in Mode 2 depends on the value of the
SMOD bit in Special Function Register PCON and may be
calculated as:
• If SMOD = 0 (value on reset), the baud rate is 1⁄
32fclk
• If SMOD = 1, the baud rate is 1⁄16fclk.
17.3.1
USING TIMER 1 TO GENERATE BAUD RATES
When Timer 1 is used as the Baud Rate Generator, the
baud rates in Modes 1 and 3 are determined by the
Timer 1 overflow rate and the value of the SMOD bit as
follows:
The Timer 1 interrupt should be disabled in this
application. The timer itself can be configured for either
‘timer’ or ‘counter’ operation in any of its 3 running modes.
In typical applications, it is configured for ‘timer’ operation,
in the Auto-reload mode (high nibble of TMOD = 0010B).
In this case the baud rate is given by:
By configuring Timer 1 to run as a 16-bit timer (high nibble
of TMOD = 0001B), and using the Timer 1 interrupt to do
a 16-bit software reload, very low baud rates can be
achieved.
17.3.2
USING TIMER 2 TO GENERATE BAUD RATES
Timer 2 is selected as a Baud Rate Generator by setting
the RCLK0, TCLK0, RCLK1, or TCLK1 bit in T2CON.
The Baud Rate Generator mode is similar to the
Auto-reload mode, in that a roll-over in TH2 causes
Timer 2 registers to be reloaded with the 16-bit value held
in the registers RCAP2H and RCAP2L, which are preset
by software.
Baud rate
f
clk
6
-------
=
Baud rate
2
SMOD
32
-----------------
f
clk
×
=
Baud rate
2
SMOD
32
-----------------
Timer 1 overflow rate
×
=
Baud rate
2
SMOD
32
-----------------
f
clk
6
256
TH1
–
()
×
{}
-----------------------------------------------------
×
=
Baud rates in Modes 1 and 3 are determined by Timer 2's
overflow rate as specified below:
Timer 2 can be configured for either ‘timer’ or ‘counter’
operation. In the most typical applications, it is configured
for ‘timer’ operation (C/T2 = 0). ‘Timer’ operation is slightly
different for Timer 2 when it is being used as a Baud Rate
Generator. Normally, as a timer it would increment every
machine cycle at a frequency of 1
⁄
6fclk. However, as a Baud
Rate Generator it increments every state time at a
frequency of fclk. In this case, the baud rate in Modes 1 and
3 is determined as shown by the following equation:
Where (RCAP2H; RCAP2L) is the content of registers
RCAP2H and RCAP2L taken as a 16-bit unsigned integer.
Note that the maximum baud rate depends on clock
frequency and is determined by the following equation:
The Baud Rate Generator mode for Timer 2 is shown in
Fig.16. This figure is only valid if RCLK0 = 1 or TCLK0 = 1
or RCLK1 = 1 or TCLK1 = 1. At roll-over TH2 does not set
the TF2 bit in T2CON and therefore, will not generate an
interrupt. Consequently, the Timer 2 interrupt does not
need to be disabled when in the Baud Rate Generator
mode. If EXEN2 is set, a HIGH-to-LOW transition on T2EX
will set the EXF2 bit, also in T2CON, but will not cause a
reload from (RCAP2H; RCAP2L) to (TH2 and TL2).
Therefore, in this mode T2EX may be used as an
additional external interrupt.
When Timer 2 is operating as a timer (TR2 = 1), in the
Baud Rate Generator mode, registers TH2 and TL2 should
not be accessed (read or write). Under these conditions
the timer increments every state time and therefore the
results of a read or write may not be accurate.
The registers RCAP2H and RCAP2L however, may be
read but not written to. A write might overlap a reload and
cause write and/or reload errors. If a write operation is
required, Timer 2 or RCAP2H/RCAP2L should first be
turned off by clearing the TR2 bit.
Baud rate
Timer 2 overflow rate
16
--------------------------------------------------------
=
Baud rate
f
clk
16
65536
RCAP2H; RCAP2L
()
–
{}
×
------------------------------------------------------------------------------------------------------
=
Maximum baud rate
f
clk
16
6
×
----------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com