Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZF2002 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 21Page - NXP Semiconductors SZF2002 Datasheet HTML 22Page - NXP Semiconductors SZF2002 Datasheet HTML 23Page - NXP Semiconductors SZF2002 Datasheet HTML 24Page - NXP Semiconductors SZF2002 Datasheet HTML 25Page - NXP Semiconductors SZF2002 Datasheet HTML 26Page - NXP Semiconductors SZF2002 Datasheet HTML 27Page - NXP Semiconductors SZF2002 Datasheet HTML 28Page - NXP Semiconductors SZF2002 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 76 page
background image
1998 Aug 26
25
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
14 ANALOG-TO-DIGITAL CONVERTER (ADC)
The analog input circuitry consists of a 6-input analog
multiplexer and an ADC with 8-bit resolution. The analog
supply (VDDA) and analog ground (VSSA) are connected via
separate input pins. For clock frequencies higher than
8 MHz the clock prescaler is needed (divide-by-2).
The functional diagram of the ADC is shown in Fig.14.
The ADC is controlled using the ADC Control Register
(ADCON). Input channels are selected by the analog
multiplexer via the ADCON register bits AADR0 to AADR2.
A conversion is started by setting the ADCS bit in the
ADCON register. The completion of the 8-bit ADC
conversion is flagged by ADCI in the ADCON register,
which will generate an interrupt if this is enabled (EAD).
The result is stored in the Special Function Register ADCH
(address C5H).
To save power the ADC current is switched on only during
conversion and is independent of the processor mode
(active, Idle or Power-down). If the processor goes into Idle
or Power-down mode, the ADC interrupt must be used to
wake-up the CPU again.
While ADCS = 1 or ADCI = 1, a new ADC start will be
blocked and consequently lost, however an ADC
conversion already in progress will finish uninterrupted.
An ADC conversion already in progress is aborted when
the Power-down mode is entered. The result of a
completed conversion (ADCI = 1) remains unaffected
when entering the Idle or Power-down mode.
When no result of a completed conversion (ADCI = 0) is
available, the ADCON and ADCH registers will be reset
when entering the Power-down mode. Note that AADRx
and CKDIV have to be set explicitly to restore their
previous values for the first conversion after Power-down
mode.
Table 14 Conversion time in clock cycles
CONDITION
MAX.
REMARK
fclk ≤ 8 MHz,
CKDIV = 0
288
normal conversion
fclk > 8 MHz,
CKDIV = 1
576
prescaler used
Fig.14 Functional diagram of analog input.
(1) For the descriptions of ADCON bits see Table 16.
handbook, full pagewidth
MGM187
ANALOG INPUT
MULTIPLEXER
8-BIT ADC
(succesive approximation)
ADCON
(1)
12
34
56
7
0
12
34
5
6
Power-down
7
0
V
DDA
V
SSA
ADCH
INTERNAL BUS
ADC0
ADC1
ADC2
ADC3
ADC4
ADC5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com