Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZF2002 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 60Page - NXP Semiconductors SZF2002 Datasheet HTML 61Page - NXP Semiconductors SZF2002 Datasheet HTML 62Page - NXP Semiconductors SZF2002 Datasheet HTML 63Page - NXP Semiconductors SZF2002 Datasheet HTML 64Page - NXP Semiconductors SZF2002 Datasheet HTML 65Page - NXP Semiconductors SZF2002 Datasheet HTML 66Page - NXP Semiconductors SZF2002 Datasheet HTML 67Page - NXP Semiconductors SZF2002 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 76 page
background image
1998 Aug 26
64
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
2. The operating supply current is measured with all output pins disconnected; CLK driven with tr =tf =10ns;
VIL =VSS;VIH =VDD; EA = RST = Port 0 = VDD.
3. The Idle mode supply current is measured with all output pins disconnected; CLK driven with tr =tf = 10 ns; VIL =VSS;
VIH =VDD; EA = Port 0 = VDD.
4. The power-down current is measured with all output pins disconnected; CLK connected to VSS; EA = Port 0 = VDD;
RST=VSS.
5. The input threshold voltage of P1.6/SCL and P1.7/SDA meet the I2C-bus specification. Therefore, an input voltage
below 0.3VDD will be recognized as a logic 0 and an input voltage above 0.7VDD will be recognized as a logic 1.
26 ADC CHARACTERISTICS
Notes
1. All ADC inputs require an external divide-by-2 voltage divider.
2. Gain error: the maximum difference between actual and ideal slope.
3. Zero-offset error: the difference between the actual and ideal input voltage corresponding to the first actual code
transition.
4. Differential non-linearity: the difference between the actual and ideal code widths.
5. Integral non-linearity: maximum deviation from straight line.
6. Channel-to-channel matching: the difference between corresponding code transitions of actual characteristics taken
from different channels under the same temperature, voltage and frequency conditions. Not tested, but verified on
sampling basis.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VIN(ADC)
ADC input voltage
note 1
VSSA
−
0.5VDDA
V
VDDA
analog supply voltage
VDD − 0.5
−
VDD + 0.5
V
IDDA
supply current operating
VDDA = 3.0 V; fclk = 8 MHz
−−
0.5
mA
CAIN
analog on-chip input capacitance
−−
2pF
RAIN
analog on-chip input impedance
10
−−
M
Ω
Ge
Gain error; note 2
−1
−
+1
%
OSe
zero-offset error; note 3
−1
−
+1
LSB
DNL
differential non-linearity; note 4
−0.5
−
+0.5
LSB
INL
Integral non-linearity; note 5
−1
−
+1
LSB
Mctc
channel-to-channel matching;
note 6
−−
±1⁄2
LSB
VI(slope)
input voltage slope
fclk = 8 MHz
−0.15
−
+0.15
V/ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com