Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZF2002 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 26Page - NXP Semiconductors SZF2002 Datasheet HTML 27Page - NXP Semiconductors SZF2002 Datasheet HTML 28Page - NXP Semiconductors SZF2002 Datasheet HTML 29Page - NXP Semiconductors SZF2002 Datasheet HTML 30Page - NXP Semiconductors SZF2002 Datasheet HTML 31Page - NXP Semiconductors SZF2002 Datasheet HTML 32Page - NXP Semiconductors SZF2002 Datasheet HTML 33Page - NXP Semiconductors SZF2002 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 76 page
background image
1998 Aug 26
30
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
16.1
Serial Control Register (S1CON)
Table 23 Serial Control Register (SFR address D8H)
Table 24 Description of S1CON bits
76543210
CR2
ENS1
STA
STO
SI
AA
CR1
CR0
BIT
SYMBOL
DESCRIPTION
6
ENS1
Enable serial I/O. When ENS1 = 0, the serial I/O is disabled. SDA and SCL outputs are
in the high-impedance state; P1.6 and P1.7 function as open-drain ports. When
ENS1 = 1, the serial I/O is enabled. Output port latches P1.6 and P1.7 must be set to
logic 1.
5STA
START flag. When this bit is set in Slave mode, the SIO hardware checks the status of
the I2C-bus and generates a START condition if the bus is free or after the bus becomes
free. If STA is set while the SIO is in Master mode, SIO will generate a repeated START
condition.
4STO
STOP flag. With this bit set while in Master mode a STOP condition is generated. When
a STOP condition is detected on the I2C-bus, the SIO hardware clears the STO flag.
STO may also be set in Slave mode in order to recover from an error condition. In this
case no STOP condition is transmitted to the I2C-bus. However, the SIO hardware
behaves as if a STOP condition has been received and releases the SDA and SCL
lines. The SIO then switches to the not addressed Slave receiver mode. The STOP flag
is cleared by the hardware.
3SI
SIO interrupt flag. This flag is set and an interrupt is generated, after any of the
following events occur:
• A START condition is generated in Master mode
• Own slave address has been received during AA = 1
• The general call address has been received while GC (S1ADR.0) = 1 and AA = 1
• A data byte has been received or transmitted in Master mode (even if arbitration is lost)
• A data byte has been received or transmitted as selected slave
• A STOP or START condition is received as selected slave receiver or transmitter.
2AA
Assert Acknowledge. When this bit is set, an acknowledge (LOW level to SDA) is
returned during the acknowledge clock pulse on the SCL line when:
• Own slave address is received
• General call address is received; GC (S1ADR.0) = 1
• A data byte is received while the device is programmed to be a Master receiver
• A data byte is received while the device is a selected Slave receiver.
When this bit is reset, no acknowledge is returned. Consequently, no interrupt is
requested when the own slave address or general call address is received.
7
CR2
Clock Rate selection. These 3 bits determine the serial clock frequency when SIO is in
the Master mode. See Table 25.
1
CR1
0
CR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com