Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZF2002 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 50Page - NXP Semiconductors SZF2002 Datasheet HTML 51Page - NXP Semiconductors SZF2002 Datasheet HTML 52Page - NXP Semiconductors SZF2002 Datasheet HTML 53Page - NXP Semiconductors SZF2002 Datasheet HTML 54Page - NXP Semiconductors SZF2002 Datasheet HTML 55Page - NXP Semiconductors SZF2002 Datasheet HTML 56Page - NXP Semiconductors SZF2002 Datasheet HTML 57Page - NXP Semiconductors SZF2002 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 76 page
background image
1998 Aug 26
54
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
Notes
1. SZF2002 specific SFRs.
2. Bit addressed register.
99
S0BUF
XXXX XXXX
Serial Data Buffer Register 0
98
S0CON(2)
0000 0000
Serial Port Control Register 0
91
ROMBANK(1)
XXXX X000
ROM bank Selection Register
90
P1(2)
1111 1111
Digital I/O Port Register 1
8D
TH1
0000 0000
Timer 1 High byte
8C
TH0
0000 0000
Timer 0 High byte
8B
TL1
0000 0000
Timer 1 Low byte
8A
TL0
0000 0000
Timer 0 Low byte
89
TMOD
0000 0000
Timer 0 and 1 Mode Control Register
88
TCON(2)
0000 0000
Timer 0 and 1 Control/External Interrupt Control Register
87
PCON
0000 0000
Power Control Register
83
DPH
0000 0000
Data Pointer High byte
82
DPL
0000 0000
Data Pointer Low byte
81
SP
0000 0111
Stack Pointer
80
P0(2)
1111 1111
Digital I/O Port Register 0
ADDRESS
(HEX)
NAME
RESET VALUE
(B)
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com