Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZF2002 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 12Page - NXP Semiconductors SZF2002 Datasheet HTML 13Page - NXP Semiconductors SZF2002 Datasheet HTML 14Page - NXP Semiconductors SZF2002 Datasheet HTML 15Page - NXP Semiconductors SZF2002 Datasheet HTML 16Page - NXP Semiconductors SZF2002 Datasheet HTML 17Page - NXP Semiconductors SZF2002 Datasheet HTML 18Page - NXP Semiconductors SZF2002 Datasheet HTML 19Page - NXP Semiconductors SZF2002 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 76 page
background image
1998 Aug 26
16
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
10 PROGRAM STATUS WORD (PSW)
The Program Status Word contains several status bits that
reflect the current state of the CPU. The PSW, shown in
Table 4, resides in the SFR memory space. It contains the
Carry bit, the Auxiliary Carry (for BCD operations), the two
register bank select bits, the Overflow flag, a Parity bit and
two user-definable status flags.
The Carry bit, other than serving the function of a Carry bit
in arithmetic operations, also serves as the Accumulator
for a number of boolean operations.
Bits RS0 and RS1 are used to select one of the four
register banks; see Table 5. A number of instructions refer
to these RAM locations as R0 through to R7. The selection
of which of the four register banks is being referred to is
made on the basis of the state of RS0 and RS1 at
execution time.
The Parity bit reflects the number of 1s in the Accumulator:
P = 1, if the Accumulator contains an odd number of 1s,
and P = 0, if the Accumulator contains an even number of
1s. Thus, the number of 1s in the Accumulator plus P is
always even. The bits F0 and USR are uncommitted and
may be used as general purpose status flags.
Table 4
Program Status Word (SFR address D0H)
Table 5
Description of PSW bits
76543210
CY
AC
F0
RS1
RS0
OV
USR
P
BIT
SYMBOL
DESCRIPTION
7CY
Carry flag. The Carry flag receives carry out from bit 7 of ALU operands.
6AC
Auxiliary Carry flag. The Auxiliary Carry flag receives carry out from bit 3 of addition
operands.
5F0
General purpose status flag.
4
RS1
Register Bank Select 1. This bit selects Register Bank 1.
3
RS0
Register Bank Select 0. This bit selects Register Bank 0.
2OV
Overflow flag. This flag is set by arithmetic operations.
1
USR
USR. This is a user-definable flag.
0P
Parity. If the Accumulator contains an odd number of 1s this bit is set to a logic 1 by
hardware. Otherwise, the state of this bit is a logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com