Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZF2002 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 27Page - NXP Semiconductors SZF2002 Datasheet HTML 28Page - NXP Semiconductors SZF2002 Datasheet HTML 29Page - NXP Semiconductors SZF2002 Datasheet HTML 30Page - NXP Semiconductors SZF2002 Datasheet HTML 31Page - NXP Semiconductors SZF2002 Datasheet HTML 32Page - NXP Semiconductors SZF2002 Datasheet HTML 33Page - NXP Semiconductors SZF2002 Datasheet HTML 34Page - NXP Semiconductors SZF2002 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 76 page
background image
1998 Aug 26
31
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
Table 25 Selection of the serial clock frequency (SCL) in a Master mode of operation
16.2
Serial Status Register (S1STA)
S1STA is a read-only register. The contents of this register may be used as a vector to a service routine. This optimizes
the response time of the software and consequently that of the I2C-bus. The status codes for all possible modes of the
I2C-bus interface is given in Table 29. The register has only a valid vector to a service routine if the SI bit of the S1CON
register is set, otherwise it is invalid, usually F8H.
Table 26 Serial Status Register (SFR address D9H)
Table 27 Description of S1STA bits
Table 28 Symbols used in Table 29
CR2
CR1
CR0
fclk DIVISOR
BIT RATE (kHz) AT fclk = 1 MHz
0
0
0
128
7.81
0
0
1
112
8.93
0
1
0
96
10.42
0
1
1
80
12.50
1
0
0
480
2.08
1
0
1
60
16.67
1
1
0
30
33.33
1
1
1
reserved
−
76543210
SC4
SC3
SC2
SC1
SC0
0
0
0
BIT
SYMBOL
DESCRIPTION
3 to 7
SC4 to SC0
5-bit status code; see Table 29.
0to2
−
These three bits are always zero.
SYMBOL
DESCRIPTION
SLA
7-bit slave address
R
read bit
W
write bit
ACK
acknowledgement (acknowledge bit is logic 0)
ACK
no acknowledgement (acknowledge bit is logic 1)
DATA
data byte to or from I2C-bus
MST
master
SLV
slave
TRX
transmitter
REC
receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com