Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZF2002 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 65Page - NXP Semiconductors SZF2002 Datasheet HTML 66Page - NXP Semiconductors SZF2002 Datasheet HTML 67Page - NXP Semiconductors SZF2002 Datasheet HTML 68Page - NXP Semiconductors SZF2002 Datasheet HTML 69Page - NXP Semiconductors SZF2002 Datasheet HTML 70Page - NXP Semiconductors SZF2002 Datasheet HTML 71Page - NXP Semiconductors SZF2002 Datasheet HTML 72Page - NXP Semiconductors SZF2002 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 76 page
background image
1998 Aug 26
69
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
Table 57 Timing figures with respect to RAMCE, OE and WEL
Notes
1. Sample moment for data read cycles is on negative clock edge in state S3, the internal clock skew must be taken
into account also. This results in 3tCLK − 10 ns from OE LOW (or 7⁄2tCLK − 10 ns from RAMCE LOW) maximum.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
General (see Fig.29)
tXCLKH
XCLK HIGH time
31.25
−−
ns
tXCLKL
XCLK LOW time
31.25
−−
ns
Tcy(XCLK)
XCLK cycle time
62.5
−−
ns
Memory Access (Figs 29 and 30)
t(RCEL-OEL)
RAMCE LOW to OE LOW
−−
1
⁄2tCLK − 3ns
t(OEL)
OE LOW time
−−
7
⁄2tCLK +8
ns
t(RCEH-OEH)
RAMCE HIGH to OE HIGH
0
−
6ns
t(RCEL)
RAMCE LOW time
−−
4tCLK − 1ns
t(RCEL-WEL)
RAMCE LOW to WE LOW
−−
1
⁄2tCLK − 2ns
t(WEL)
WE LOW time
−−
7
⁄2tCLK +7
ns
t(RCEH-WEH)
RAMCE HIGH to WE HIGH
0
−
7ns
tsu(OEL-D)
Data set-up time from OE LOW
−−
3tCLK − 18
ns
tsu(RCEL-D)
Data set-up time from RAMCE LOW
−−
7
⁄2tCLK − 20 ns
tsu(D-WEL)
Data set-up time to WE LOW
−−
1
⁄2tCLK +3
ns
t(RCEL-DV)
Data valid time from RAMCE LOW
−−
4ns
tsu(D-SM)
Data set-up time to sample moment, note 1
−−
8ns
th(SM-D)
Data hold time from sample moment; note 1
0
−−
ns
th(WEH-D)
Data hold time from WE HIGH
−−
tCLK − 7ns
th(RCEH-D)
Data hold time from RAMCE HIGH
−−
tCLK − 14
ns
tsu(A-RCEL)
Address set-up time to RAMCE LOW
−−
1
⁄2tCLK
ns
th(RCEH-A)
Address hold time from RAMCE HIGH
−−
tCLK − 7ns
tsu(DZ-OEL)
Data bus high-impedance set-up time to OE LOW
1
⁄2tCLK +1
−−
ns
th(OEH-DZ)
Data bus high-impedance hold time from OE HIGH
1
⁄2tCLK − 10 −−
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com