Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZF2002 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 16Page - NXP Semiconductors SZF2002 Datasheet HTML 17Page - NXP Semiconductors SZF2002 Datasheet HTML 18Page - NXP Semiconductors SZF2002 Datasheet HTML 19Page - NXP Semiconductors SZF2002 Datasheet HTML 20Page - NXP Semiconductors SZF2002 Datasheet HTML 21Page - NXP Semiconductors SZF2002 Datasheet HTML 22Page - NXP Semiconductors SZF2002 Datasheet HTML 23Page - NXP Semiconductors SZF2002 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 76 page
background image
1998 Aug 26
20
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
12.3
Timer/Counter 2 Control Register (T2CON)
Table 6
Timer/Counter 2 Control Register (SFR address C8H)
Table 7
Description of T2CON bits
76543210
TF2
EXF2
RCLK0
TCLK0
EXEN2
TR2
C/T2
CP/RL2
BIT
SYMBOL
DESCRIPTION
7
TF2
Timer 2 overflow flag. Set by a Timer 2 underflow or overflow and must be cleared by
software. TF2 will not be set when in either the Baud Rate generation mode or Clock out
mode.
6
EXF2
Timer 2 external flag. Set when either a capture or reload is caused by a negative
transition on T2EX and when EXEN2 = 1. In Auto-reload mode it is toggled on an
underflow or overflow. Cleared by software.
5
RCLK0
Receive clock 0 flag. When set, causes the UART to use Timer 2 overflow pulses.
RCLK0 = 0, causes Timer 1 overflow pulses to be used.
4
TCLK0
Transmit clock 0 flag. When set, causes the UART to use Timer 2 overflow pulses.
TCLK0 = 0, causes Timer 1 overflow pulses to be used.
3
EXEN2
Timer 2 external enable flag. When set, allows a capture or reload to occur, together
with an interrupt, as a result of a negative transition on input T2EX (if in Capture mode
or Auto-reload mode with DCEN reset). If in Auto-reload mode and DCEN is set, this bit
has no influence. In the other modes EXF2 is set and an interrupt is generated on a
HIGH-to-LOW transition on T2EX pin. In all modes EXEN2 = 0, causes Timer 2 to
ignore events at T2EX.
2
TR2
Timer 2 start/stop control. When TR2 = 1, Timer 2 is started.
1C/T2
Timer or counter select for Timer 2. C/T2 = 0, selects the internal timer with a clock
frequency of 1
⁄6fclk. C/T2 = 1, selects the external event counter; negative edge
triggered.
0
CP/RL2
Capture/Reload flag. Selection of Capture or Auto-reload mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com