Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZF2002 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 28Page - NXP Semiconductors SZF2002 Datasheet HTML 29Page - NXP Semiconductors SZF2002 Datasheet HTML 30Page - NXP Semiconductors SZF2002 Datasheet HTML 31Page - NXP Semiconductors SZF2002 Datasheet HTML 32Page - NXP Semiconductors SZF2002 Datasheet HTML 33Page - NXP Semiconductors SZF2002 Datasheet HTML 34Page - NXP Semiconductors SZF2002 Datasheet HTML 35Page - NXP Semiconductors SZF2002 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
1998 Aug 26
32
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
Table 29 Status codes
S1STA VALUE
DESCRIPTION
MST/TRX mode
08H
A START condition has been transmitted.
10H
A repeated START condition has been transmitted.
18H
SLA and W have been transmitted, ACK has been received.
20H
SLA and W have been transmitted, ACK received.
28H
DATA of S1DAT has been transmitted, ACK received.
30H
DATA of S1DAT has been transmitted, ACK received.
38H
Arbitration lost in SLA, R/W or DATA.
MST/REC mode
08H
A START condition has been transmitted.
10H
A repeated START condition has been transmitted.
38H
Arbitration lost while returning ACK.
40H
SLA and R have been transmitted, ACK received.
48H
SLA and R have been transmitted, ACK received.
50H
DATA has been received, ACK returned.
58H
DATA has been received, ACK returned.
SLV/REC mode
60H
Own SLA and W have been received, ACK returned.
68H
Arbitration lost in SLA, R/W as MST. Own SLA and W have been received, ACK returned.
70H
General CALL has been received, ACK returned.
78H
Arbitration lost in SLA, R/W as MST. General CALL has been received.
80H
Previously addressed with own SLA. DATA byte received, ACK returned.
88H
Previously addressed with own SLA. DATA byte received, ACK returned.
90H
Previously addressed with general CALL. DATA byte has been received, ACK has been returned.
98H
Previously addressed with general CALL. DATA byte has been received, ACK has been returned.
A0H
A STOP condition or repeated START condition has been received while still addressed as SLV/REC
or SLV/TRX.
SLV/TRX mode
A8H
Own SLA and R have been received, ACK returned.
B0H
Arbitration lost in SLA and R/W as MST. Own SLA and R have been received, ACK returned.
B8H
DATA byte has been transmitted, ACK received.
C0H
DATA byte has been transmitted, ACK received.
C8H
Last DATA byte has been transmitted (AA = 0), ACK received.
Miscellaneous
00H
Bus error during MST mode or selected SLV mode, due to an erroneous START or STOP condition.
F8H
No relevant state information available, SI = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com