Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZF2002 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 3Page - NXP Semiconductors SZF2002 Datasheet HTML 4Page - NXP Semiconductors SZF2002 Datasheet HTML 5Page - NXP Semiconductors SZF2002 Datasheet HTML 6Page - NXP Semiconductors SZF2002 Datasheet HTML 7Page - NXP Semiconductors SZF2002 Datasheet HTML 8Page - NXP Semiconductors SZF2002 Datasheet HTML 9Page - NXP Semiconductors SZF2002 Datasheet HTML 10Page - NXP Semiconductors SZF2002 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
1998 Aug 26
7
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
7.2
Pin description
Table 1
LQFP80 package
SYMBOL
PIN
DESCRIPTION
Program memory interface; note 1
A0
55
A0/RD. Address line 0, used as RD during Debug.
A1
54
A1/WR. Address line 1, used as WR during Debug.
A2
53
A2/ALE. Address line 2, used as ALE during Debug.
A3
52
A3/PSEN. Address line 3, used as PSEN during Debug.
A4
6
A4/RST. Address line 4, used as RST during Debug.
A5
5
A5/TRUE_A15. Address line 5, used as A15 = P2.7 during Debug.
A6
4
A6. Address line 6 (not needed during Debug, see D6).
A7
3
A7. Address line 7 (not needed during Debug, see D7).
A8
73
Address lines A8 to A14. During Debug these lines are used as P2.0 to P2.6.
A9
72
A10
67
A11
69
A12
2
A13
74
A14
75
A15
79
Address lines A15 to A17. Page selection; during Debug these lines are the page
register. Each bank is 32 kbytes.
A16
78
A17
76
D0
56
Data bus. During Debug these line are P0.0 to P0.7.
D1
57
D2
58
D3
59
D4
62
D5
63
D6
64
D7
65
CE
66
Chip Enable. Enable strobe to external program memory.
OE
68
Output Enable. Output read strobe to external memory.
WE
77
Write Enable. Write strobe to external memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com